Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. BYV12
Description  Fast Silicon Mesa Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV12 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYV12 Datasheet HTML 1Page - Vishay Siliconix BYV12 Datasheet HTML 2Page - Vishay Siliconix BYV12 Datasheet HTML 3Page - Vishay Siliconix BYV12 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYV12...BYV16
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
3 (4)
Document Number 86039
0.1
1
10
0
2
4
6
8
12
VR – Reverse Voltage ( V )
100
94 9523
10
f = 470kHz
Tj =25°C
Figure 7. Typ. Diode Capacitance vs. Reverse Voltage
1
10
100
1000
tp – Pulse Length ( s )
94 9522
10–5
10–4
10–3
10–2
10–1
100
101
IFRM – Repetitive Peak
Forward Current ( A )
100
101
VRRM= 1000 V
RthJA=100K/W
Tamb=25°C
Tamb=45°C
Tamb=60°C
Tamb=70°C
Tamb= 100°C
Figure 8. Thermal Response
Dimensions in mm
Cathode Identification
∅ 3.6 max.
∅ 0.82 max.
4.2 max.
Sintered Glass Case
SOD 57
Weight max. 0.5 g
technical drawings
according to DIN
specifications
94 9538
26 min.
26 min.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BYV27 Ultra Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV28 Ultra Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV37 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT52 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYW32 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
1N5417 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT53 Very Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT54 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT56 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT77 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn