Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYT77 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BYT77
Description  Fast Silicon Mesa Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT77 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYT77 Datasheet HTML 1Page - Vishay Siliconix BYT77 Datasheet HTML 2Page - Vishay Siliconix BYT77 Datasheet HTML 3Page - Vishay Siliconix BYT77 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYT77.BYT78
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 07-Dec-99
1 (4)
Document Number 86034
Fast Silicon Mesa Rectifiers
Features
D Glass passivated junction
D Hermetically sealed package
D Low reverse current
D Soft recovery characteristics
D Controlled avalanche characteristics
Applications
Fast ”soft recovery” rectifier
94 9588
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYT77
VR
800
V
g
BYT78
VR
1000
V
Peak forward surge current
tp=10ms, half sinewave
IFSM
100
A
Average forward current
Tambx45°C
IFAV
3
A
Junction and storage
temperature range
Tj=Tstg
–65...+175
°C
Non repetitive reverse
avalanche energy
I(BR)R=400mA,
inductive load L=120mH
ER
15
mJ
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=10mm, TL=constant
RthJA
25
K/W
on PC board with spacing 37.5mm
RthJA
70
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=3A
VF
1.0
1.1
V
Reverse current
VR
IR
1
5
mA
VR, Tj=150°C
IR
60
150
mA
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
300
ns


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BYV27 Ultra Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV28 Ultra Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV37 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT52 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYW32 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
1N5417 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT53 Very Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT54 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT56 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV12 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn