Electronic Components Datasheet Search |
|
A3P060-FFG144PP Datasheet(PDF) 2 Page - Actel Corporation |
|
A3P060-FFG144PP Datasheet(HTML) 2 Page - Actel Corporation |
2 / 206 page II v1.0 I/Os Per Package 1 ProASIC3 Devices A3P015 A3P030 A3P060 A3P125 A3P250 3 A3P400 3 A3P600 A3P1000 ARM7 Devices M7A3P1000 Cortex-M1 Devices M1A3P250 3,6 M1A3P400 3 M1A3P600 M1A3P1000 Package I/O Type QN68 49 – – – – – – – ––– QN132 – 818084 87 19 – – – – – VQ100 – 77 71 71 68 13 – – – – – TQ144 – – 91 100 – – –––––– PQ208 – – – 133 151 34 151 34 154 35 154 35 FG144 – – 96 97 97 24 97 25 97 25 97 25 FG256 – – – – 157 38 178 38 177 43 177 44 FG484 – – – – – – 194 38 235 60 300 74 Notes: 1. When considering migrating your design to a lower- or higher-density device, refer to the ProASIC3 Flash Family FPGAs handbook to ensure complying with design and board migration requirements. 2. Each used differential I/O pair reduces the number of single-ended I/Os available by two. 3. For A3P250 and A3P400 devices, the maximum number of LVPECL pairs in east and west banks cannot exceed 15. Refer to the ProASIC3 Flash Family FPGAs handbook for position assignments of the 15 LVPECL pairs. 4. FG256 and FG484 are footprint-compatible packages. 5. "G" indicates RoHS-compliant packages. Refer to "ProASIC3 Ordering Information" on page III for the location of the "G" in the part number. 6. The M1A3P250 device does not support FG256 or QN132 packages. Table 1-1 • ProASIC3 FPGAs Package Sizes Dimensions Package QN68 QN132 VQ100 TQ144 PQ208 FG144 FG256 FG484 Length × Width (mm\mm) 8 × 8 8 × 8 14 × 14 20 × 20 28 × 28 13 × 13 17 × 17 23 × 23 Nominal Area (mm2) 64 64 196 400 784 169 289 529 Pitch (mm) 0.40.5 0.50.5 0.51.0 1.01.0 Height (mm) 0.90 0.75 1.00 1.40 3.40 1.45 1.60 2.23 |
Similar Part No. - A3P060-FFG144PP |
|
Similar Description - A3P060-FFG144PP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |