Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A32200DXV-1PQC Datasheet(PDF) 5 Page - Actel Corporation

Part # A32200DXV-1PQC
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32200DXV-1PQC Datasheet(HTML) 5 Page - Actel Corporation

  A32200DXV-1PQC Datasheet HTML 1Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 2Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 3Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 4Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 5Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 6Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 7Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 8Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
Discontinued – v3.0
5
Integrato r Se ries F P G A s: 1200 XL and 320 0DX Fam ilies
Development Tool Supp ort
The devices are fully supported by Actel’s line of FPGA
development tools, including the Actel DeskTOP series and
Designer Advantage tools. The Actel DeskTOP series is an
integrated design environment for PCs that includes design
entry, simulation, synthesis, and place and route tools.
Designer Advantage, Actel’s suite of FPGA development
point tools for PCs and Workstations, includes the ACTgen
Macro Builder, timing-driven place and route and analysis
tools, and device programming software.
In addition, the devices contain ActionProbe circuitry that
provides built-in access to every node in a design, enabling
100 percent real-time observation and analysis of a device's
internal logic nodes without design iteration. The probe
circuitry is accessed by Silicon Explorer II, an easy-to-use
integrated verification and logic analysis tool that can
sample data at 100 MHz (asynchronous) or 66 MHz
(synchronous). Silicon Explorer II attaches to a PC’s
standard COM port, turning the PC into a fully functional
18-channel logic analyzer. Silicon Explorer II allows
designers to complete the design verification process at
their desks and reduces verification time from several hours
per cycle to only a few seconds.
I nteg r at or Ser i es Arc hitect ura l
Over view
The 1200XL and 3200DX architecture is composed of
fine-grained building blocks which produce fast, efficient
logic designs. All devices within the Integrator Series are
composed of logic modules, routing resources, clock
networks, and I/O modules which are the building blocks to
design fast logic designs. In addition, a subset of devices
contain embedded dual-port SRAM and wide-decode
modules. The dual-port SRAM modules are optimized for
high-speed datapath functions such as FIFOs, LIFOs, and
scratchpad memory. The “Integrator Series Product Profile
Family” on page 1 lists the specific logic resources
contained within each device.
Plastic Device Reso urce s
User I/Os
Device
PLCC 84-Pin
VQFP 100-Pin
PQFP
100-Pin
PQFP 144-Pin
PQFP 160-Pin
PQFP 208-Pin
RQFP
240-Pin
TQFP 176-Pin
A1225XL
72
83
83
A1240XL
72
83
104
103
A3265DX
72
83
125
126
A1280XL
72
125
140
140
A32100DX
72
125
152
142
A32140DX
72
125
176
150
A32200DX
176*
202
A32300DX
176
202
Package Definitions (Consult your local Actel Sales Representative for product availability.)
PLCC = Plastic Leaded Chip Carrier, PQFP = Plastic Quad Flat Pack, TQFP = Thin Quad Flat Pack, BGA = Ball Grid Array, VQFP = Very Thin Quad Flat
Pack, RQFP = Plastic Power Quad Flat Pack
* Also available in RQFP 208-pin.
Hermet ic De vice Resour ces
User I/Os
Device
CPGA
176-Pin
CQFP
84-Pin
CQFP
172-Pin
CQFP
208-Pin
CQFP
256-Pin
A1280XL
140
140
A32100DX
60
A32140DX
176
A32200DX
176
202
A32300DX
212
Package Definitions (Consult your local Actel Sales Representative for product availability.)
CPGA = Ceramic Pin Grid Array, CQFP = Ceramic Quad Flat Pack


Similar Part No. - A32200DXV-1PQC

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A32200DX-1CQ208B ACTEL-A32200DX-1CQ208B Datasheet
1Mb / 98P
   HiRel FPGAs
A32200DX-1CQ208B ACTEL-A32200DX-1CQ208B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A32200DX-1CQ256B ACTEL-A32200DX-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A32200DX-1CQ256B ACTEL-A32200DX-1CQ256B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A32200DX-CQ208B ACTEL-A32200DX-CQ208B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A32200DXV-1PQC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-12E FUJI-EDS10-12E Datasheet
63Kb / 4P
   FC SERIES INTEGRATOR
EDS10-13D FUJI-EDS10-13D Datasheet
71Kb / 2P
   FC SERIES PULSE INTEGRATOR
EDS10-17E FUJI-EDS10-17E Datasheet
131Kb / 8P
   FC SERIES ELECTRONIC INTEGRATOR
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG44 MICROSEMI-A40MX04-PLG44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com