Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A32200DXV-1PQC Datasheet(PDF) 8 Page - Actel Corporation

Part # A32200DXV-1PQC
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32200DXV-1PQC Datasheet(HTML) 8 Page - Actel Corporation

Back Button A32200DXV-1PQC Datasheet HTML 4Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 5Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 6Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 7Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 8Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 9Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 10Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 11Page - Actel Corporation A32200DXV-1PQC Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
8
Discontinued – v3.0
such as FIFOs, LIFOs, and RAM arrays. Additionally, unused
SRAM blocks can be used to implement registers for other
logic within the design.
I/O M o du le s
The I/O modules provide the interface between the device
pins and the logic array. Figure 5 is a block diagram of the
I/O module. A variety of user functions, determined by a
library macro selection, can be implemented in the module
(refer to the Macro Library Guide for more information). I/O
modules contain a tri-state buffer, input and output latches
which can be configured for input, output, or bi-directional
pins (Figure 5).
Figure 5 • I/O Module
G/CLK*
QD
EN
PAD
* Can be Configured as a Latch or D Flip-Flop
From Array
To Array
(Using C-Module)
G/CLK*
QD
The Integrator Series devices contain flexible I/O structures
where each output pin has a dedicated output enable
control. The I/O module can be used to latch input and/or
output data, providing a fast set-up time. In addition, the
Actel Designer Series software tools can build a D-type
flip-flop using a C-module to register input and/or output
signals.
Actel’s Designer Series development tools provide a design
library of I/O macrofunctions which can implement all I/O
configurations supported by the Integrator Series FPGAs.
Ro ut in g Stru ctu r e
The Integrator Series architecture uses vertical and
horizontal routing tracks to interconnect the various logic
and I/O modules. These routing tracks are metal
interconnects that may either be of continuous length or
broken into pieces called segments. Varying segment
lengths allows interconnection of over 90% of design tracks
to occur with only two antifuse connections. Segments can
be joined together at the ends using antifuses to increase
their lengths up to the full length of the track. All
interconnects can be accomplished with a maximum of four
antifuses.
Horizontal Routing
Horizontal channels are located between the rows of
modules and are composed of several routing tracks. The
horizontal routing tracks within the channel are divided
into one or more segments. The minimum horizontal
segment length is the width of a module pair, and the
maximum horizontal segment length is the full length of the
channel. Any segment that spans more than one-third the
row length is considered a long horizontal segment. A
typical channel is shown in Figure 6. Non-dedicated
horizontal routing tracks are used to route signal nets;
dedicated routing tracks are used for the global clock
networks and for power and ground tie-off tracks.
Vertical Routing
Another set of routing tracks run vertically through the
module. Vertical tracks are of three types: input, output, and
long, and are divided into one or more segments. Each
segment in an input track is dedicated to the input of a
particular module; each segment in an output track is
dedicated to the output of a particular module. Long
segments are uncommitted and can be assigned during
routing. Each output segment spans four channels (two
above and two below), except near the top and bottom of the
array where edge effects occur. Long Vertical Tracks contain
either one or two segments. An example of vertical routing
tracks and segments is shown in Figure 6.
Figure 6 • Routing Structure
Vertical Routing Tracks
Antifuses
Logic
Segmented
Horizontal
Routing
Tracks
Modules
Antif u se St ructure
An antifuse is a “normally open” structure as opposed to the
normally closed fuse structure used in PROMs or PALs. The
use of antifuses to implement a programmable logic device
results in highly-testable structures as well as efficient


Similar Part No. - A32200DXV-1PQC

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A32200DX-1CQ208B ACTEL-A32200DX-1CQ208B Datasheet
1Mb / 98P
   HiRel FPGAs
A32200DX-1CQ208B ACTEL-A32200DX-1CQ208B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A32200DX-1CQ256B ACTEL-A32200DX-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A32200DX-1CQ256B ACTEL-A32200DX-1CQ256B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A32200DX-CQ208B ACTEL-A32200DX-CQ208B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A32200DXV-1PQC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-12E FUJI-EDS10-12E Datasheet
63Kb / 4P
   FC SERIES INTEGRATOR
EDS10-13D FUJI-EDS10-13D Datasheet
71Kb / 2P
   FC SERIES PULSE INTEGRATOR
EDS10-17E FUJI-EDS10-17E Datasheet
131Kb / 8P
   FC SERIES ELECTRONIC INTEGRATOR
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG44 MICROSEMI-A40MX04-PLG44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com