Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYT53 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BYT53
Description  Very Fast Silicon Mesa Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BYT53 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYT53.
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 4, 24-Jun-98
1 (4)
Document Number 86030
Very Fast Silicon Mesa Rectifiers
Features
D Glass passivated junction
D Hermetically sealed package
D Low reverse current
D Soft recovery characteristics
Applications
Very fast rectifiers and switches
Switched mode power supplies
High–frequency inverter circuits
94 9539
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYT53A
VR=VRRM
50
V
g
=Repetitive peak reverse voltage
BYT53B
VR=VRRM
100
V
BYT53C
VR=VRRM
150
V
BYT53D
VR=VRRM
200
V
BYT53F
VR=VRRM
300
V
BYT53G
VR=VRRM
400
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
50
A
Average forward current
l=10mm, TL=25°C
IFAV
1.9
A
Junction and storage temperature range
Tj=Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=10mm, TL=constant
RthJA
45
K/W
on PC board with spacing 25mm
RthJA
100
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
1.1
V
g
IF=1A, Tj=175°C
VF
0.9
V
Reverse current
VR=VRRM
IR
5
mA
VR=VRRM, Tj=150°C
IR
200
mA
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
50
ns


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BYV27Ultra Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix
BYV28Ultra Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix
BYV37Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix
BYW178Very Fast Silicon Mesa Rectifier 1 2 3 4 Vishay Siliconix
BYT52Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix
BYW32Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix
1N5417Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix
BYT54Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix
BYT56Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix
BYT77Fast Silicon Mesa Rectifiers 1 2 3 4 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn