Electronic Components Datasheet Search |
|
A3PE3000-FPQG896ES Datasheet(PDF) 7 Page - Actel Corporation |
|
A3PE3000-FPQG896ES Datasheet(HTML) 7 Page - Actel Corporation |
7 / 152 page ProASIC3E Flash Family FPGAs v1.0 1 - 3 Advanced Architecture The proprietary ProASIC3E architecture provides granularity comparable to standard-cell ASICs. The ProASIC3E device consists of five distinct and programmable architectural features (Figure 1-1 on page 3): • FPGA VersaTiles • Dedicated FlashROM • Dedicated SRAM/FIFO memory • Extensive CCCs and PLLs • Pro I/O structure The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input logic function, a D-flip-flop (with or without enable), or a latch by programming the appropriate flash switch interconnections. The versatility of the ProASIC3E core tile as either a three-input lookup table (LUT) equivalent or as a D-flip-flop/latch with enable allows for efficient use of the FPGA fabric. The VersaTile capability is unique to the Actel ProASIC family of third-generation architecture Flash FPGAs. VersaTiles are connected with any of the four levels of routing hierarchy. Flash switches are distributed throughout the device to provide nonvolatile, reconfigurable interconnect programming. Maximum core utilization is possible for virtually any design. In addition, extensive on-chip programming circuitry allows for rapid, single-voltage (3.3 V) programming of ProASIC3E devices via an IEEE 1532 JTAG interface. Figure 1-1 • ProASIC3E Device Architecture Overview 4,608-Bit Dual-Port SRAM or FIFO Block VersaTile RAM Block CCC Pro I/Os ISP AES Decryption User Nonvolatile FlashROM Charge Pumps 4,608-Bit Dual-Port SRAM or FIFO Block RAM Block |
Similar Part No. - A3PE3000-FPQG896ES |
|
Similar Description - A3PE3000-FPQG896ES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |