Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX1000-CSG896I Datasheet(PDF) 7 Page - Actel Corporation

Part # AX1000-CSG896I
Description  Axcelerator Family FPGAs
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX1000-CSG896I Datasheet(HTML) 7 Page - Actel Corporation

Back Button AX1000-CSG896I Datasheet HTML 3Page - Actel Corporation AX1000-CSG896I Datasheet HTML 4Page - Actel Corporation AX1000-CSG896I Datasheet HTML 5Page - Actel Corporation AX1000-CSG896I Datasheet HTML 6Page - Actel Corporation AX1000-CSG896I Datasheet HTML 7Page - Actel Corporation AX1000-CSG896I Datasheet HTML 8Page - Actel Corporation AX1000-CSG896I Datasheet HTML 9Page - Actel Corporation AX1000-CSG896I Datasheet HTML 10Page - Actel Corporation AX1000-CSG896I Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 226 page
background image
Axcelerator Family FPGAs
v2.7
1-1
General Description
Axcelerator offers high performance at densities of up to
two million equivalent system gates. Based upon the
Actel AX architecture, Axcelerator has several system-
level features such as embedded SRAM (with complete
FIFO control logic), PLLs, segmentable clocks, chip-wide
highway routing, and carry logic.
Device Architecture
Actel's AX architecture, derived from the highly-
successful SX-A sea-of-modules architecture, has been
designed for high performance and total logic module
utilization (Figure 1-1). Unlike in traditional FPGAs, the
entire floor of the Axcelerator device is covered with a
grid of logic modules, with virtually no chip area lost to
interconnect elements or routing.
Programmable Interconnect
Element
The Axcelerator family uses a patented metal-to-metal
antifuse programmable interconnect element that resides
between the upper two layers of metal (Figure 1-2 on
page 1-2). This completely eliminates the channels of
routing and interconnect resources between logic
modules (as implemented on traditional FPGAs) and
enables the efficient sea-of-modules architecture. The
antifuses
are
normally
open
circuit
and,
when
programmed,
form
a
permanent,
passive,
low-
impedance connection, leading to the fastest signal
propagation in the industry. In addition, the extremely
small size of these interconnect elements gives the
Axcelerator family abundant routing resources.
The
very
nature
of
Actel's
nonvolatile
antifuse
technology provides excellent protection against design
pirating and cloning (FuseLock technology). Cloning is
impossible
(even
if
the
security
fuse
is
left
unprogrammed) as no bitstream or programming file is
ever downloaded or stored in the device. Reverse
engineering is virtually impossible due to the difficulty of
trying
to
distinguish
between
programmed
and
unprogrammed
antifuses
and
also
due
to
the
programming methodology of antifuse devices (see
"Security" on page 2-90).
Figure 1-1 • Sea-of-Modules Comparison
Switch
Matrix
Routing
Logic Block
Logic
Modules
Sea-of-Modules
Architecture
Traditional FPGA
Architecture


Similar Part No. - AX1000-CSG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX1000-FGG484I MICROSEMI-AX1000-FGG484I Datasheet
13Mb / 262P
   350 MHz System Performance, 500 MHz Internal Performance
More results

Similar Description - AX1000-CSG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com