Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A14V60AA-1RQ208M Datasheet(PDF) 10 Page - Actel Corporation

Part # A14V60AA-1RQ208M
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14V60AA-1RQ208M Datasheet(HTML) 10 Page - Actel Corporation

Back Button A14V60AA-1RQ208M Datasheet HTML 6Page - Actel Corporation A14V60AA-1RQ208M Datasheet HTML 7Page - Actel Corporation A14V60AA-1RQ208M Datasheet HTML 8Page - Actel Corporation A14V60AA-1RQ208M Datasheet HTML 9Page - Actel Corporation A14V60AA-1RQ208M Datasheet HTML 10Page - Actel Corporation A14V60AA-1RQ208M Datasheet HTML 11Page - Actel Corporation A14V60AA-1RQ208M Datasheet HTML 12Page - Actel Corporation A14V60AA-1RQ208M Datasheet HTML 13Page - Actel Corporation A14V60AA-1RQ208M Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
1-184
Routed Clocks
The routed clock networks are referred to as CLK0 and CLK1.
Each network is connected to a clock module (CLKMOD)
that selects the source of the clock signal and may be driven
as follows (see Figure 6):
• externally from the CLKA pad
• externally from the CLKB pad
• internally from the CLKINA input
• internally from the CLKINB input
The clock modules are located in the top row of I/O modules.
Clock drivers and a dedicated horizontal clock track are
located in each horizontal routing channel. The function of
the clock module is determined by the selection of clock
macros from the macro library. The macro CLKBUF is used to
connect one of the two external clock pins to a clock network,
and the macro CLKINT is used to connect an internally
generated clock signal to a clock network. Since both clock
networks are identical, the user does not care whether CLK0
or CLK1 is being used. Routed clocks can also be used to drive
high fanout nets like resets, output enables, or data enables.
This saves logic modules and results in performance
increases in some cases.
Routing Structure
The ACT 3 architecture uses vertical and horizontal routing
tracks to connect the various logic and I/O modules. These
routing tracks are metal interconnects that may either be of
continuous length or broken into segments. Segments can be
joined together at the ends using antifuses to increase their
lengths up to the full length of the track.
Horizontal Routing
Horizontal channels are located between the rows of modules
and are composed of several routing tracks. The horizontal
routing tracks within the channel are divided into one or
more segments. The minimum horizontal segment length is
the width of a module-pair, and the maximum horizontal
segment length is the full length of the channel. Any segment
that spans more than one-third the row length is considered a
long horizontal segment. A typical channel is shown in
Figure 7. Undedicated horizontal routing tracks are used to
route signal nets. Dedicated routing tracks are used for the
global clock networks and for power and ground tie-off tracks.
Vertical Routing
Other tracks run vertically through the modules. Vertical
tracks are of three types: input, output, and long. Vertical
tracks are also divided into one or more segments. Each
segment in an input track is dedicated to the input of a
particular module. Each segment in an output track is
dedicated to the output of a particular module. Long
segments are uncommitted and can be assigned during
Figure 5 • Function Diagram for I/O Pad Driver
PAD
OE
SLEW
DATAOUT
DATAIN
IEN
INEN
OUTEN
Figure 6 • Clock Networks
CLKB
CLKA
FROM
PADS
CLOCK
DRIVERS
CLKMOD
CLKINB
CLKINA
S0
S1
INTERNAL
SIGNAL
CLKO(17)
CLKO(16)
CLKO(15)
CLKO(2)
CLKO(1)
CLOCK TRACKS


Similar Part No. - A14V60AA-1RQ208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A14V60A MICROSEMI-A14V60A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A14V60AA-1RQ208M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com