Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-1CQ100M Datasheet(PDF) 1 Page - Actel Corporation

Part # A42MX09-1CQ100M
Description  40MX and 42MX FPGA Families
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A42MX09-1CQ100M Datasheet(HTML) 1 Page - Actel Corporation

  A42MX09-1CQ100M Datasheet HTML 1Page - Actel Corporation A42MX09-1CQ100M Datasheet HTML 2Page - Actel Corporation A42MX09-1CQ100M Datasheet HTML 3Page - Actel Corporation A42MX09-1CQ100M Datasheet HTML 4Page - Actel Corporation A42MX09-1CQ100M Datasheet HTML 5Page - Actel Corporation A42MX09-1CQ100M Datasheet HTML 6Page - Actel Corporation A42MX09-1CQ100M Datasheet HTML 7Page - Actel Corporation A42MX09-1CQ100M Datasheet HTML 8Page - Actel Corporation A42MX09-1CQ100M Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 123 page
background image
January 2004
i
© 2004 Actel Corporation
See the Actel website (www.actel.com) for the latest version of this datasheet.
40MX and 42MX FPGA Families
Features
High Capacity
Single-Chip ASIC Alternative
3,000 to 54,000 System Gates
Up to 2.5 kbits Configurable Dual-Port SRAM
Fast Wide-Decode Circuitry
Up to 202 User-Programmable I/O Pins
High Performance
5.6 ns Clock-to-Out
250 MHz Performance
5 ns Dual-Port SRAM Access
100 MHz FIFOs
7.5 ns 35-Bit Address Decode
HiRel Features
Commercial, Industrial, Automotive, and Military
Temperature Plastic Packages
Commercial, Military Temperature, and MIL-STD-883
Ceramic Packages
QML Certification
Ceramic Devices Available to DSCC SMD
Ease of Integration
Mixed-Voltage Operation (5.0V or 3.3V for core and
I/Os), with PCI-Compliant I/Os
Up to 100% Resource Utilization and 100% Pin
Locking
Deterministic, User-Controllable Timing
Unique
In-System
Diagnostic
and
Verification
Capability with Silicon Explorer II
Low Power Consumption
IEEE Standard 1149.1 (JTAG) Boundary Scan Testing
Product Profile
Device
A40MX02
A40MX04
A42MX09
A42MX16
A42MX24
A42MX36
Capacity
System Gates
SRAM Bits
3,000
6,000
14,000
24,000
36,000
54,000
2,560
Logic Modules
Sequential
Combinatorial
Decode
295
547
348
336
624
608
954
912
24
1,230
1,184
24
Clock-to-Out
9.5 ns
9.5 ns
5.6 ns
6.1 ns
6.1 ns
6.3 ns
SRAM Modules
(64x4 or 32x8)
–––
10
Dedicated Flip-Flops
348
624
954
1,230
Maximum Flip-Flops
147
273
516
928
1,410
1,822
Clocks
11
2
2
2
6
User I/O (maximum)
57
69
104
140
176
202
PCI
–––
Yes
Yes
Boundary Scan Test (BST)
–––
Yes
Yes
Packages (by pin count)
PLCC
PQFP
VQFP
TQFP
CQFP
PBGA
44, 68
100
80
44, 68, 84
100
80
84
100, 160
100
176
84
100, 160, 208
100
176
84
160, 208
176
208, 240
208, 256
272
v6.0


Similar Part No. - A42MX09-1CQ100M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A42MX09-1CQ100M ETC1-A42MX09-1CQ100M Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-1CQ100M MICROSEMI-A42MX09-1CQ100M Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-1CQ100M MICROSEMI-A42MX09-1CQ100M Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results

Similar Description - A42MX09-1CQ100M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com