Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYG20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. BYG20
Description  Fast Silicon Mesa SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BYG20 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BYG20
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
4 (5)
Document Number 86009
Dimensions in mm
14275


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BYG21Fast Silicon Mesa SMD Rectifier 1 2 3 4 5 Vishay Siliconix
BYG22Super Fast Silicon Mesa SMD Rectifier 1 2 3 4 5 Vishay Siliconix
BYG23MFast Silicon Mesa SMD Rectifier 1 2 3 4 Vishay Siliconix
BYG10Silicon Mesa SMD Rectifier 1 2 3 4 5 Vishay Siliconix
BYW178Very Fast Silicon Mesa Rectifier 1 2 3 4 Vishay Siliconix
S420DSilicon Mesa SMD Rectifier 1 2 3 4 Vishay Siliconix
NTE552Silicon Rectifier General Purpose Fast Recovery 1 NTE Electronics
NTE597Silicon Rectifier Ultra Fast 200V 8A 1 2 NTE Electronics
BYT108Ultra Fast Recovery Silicon Power Rectifier 1 2 3 4 5 Vishay Siliconix
ES1A1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts 1 2 3 Micro Commercial Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn