Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX2000-SLS624E Datasheet(PDF) 5 Page - Actel Corporation

Part # RTAX2000-SLS624E
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX2000-SLS624E Datasheet(HTML) 5 Page - Actel Corporation

  RTAX2000-SLS624E Datasheet HTML 1Page - Actel Corporation RTAX2000-SLS624E Datasheet HTML 2Page - Actel Corporation RTAX2000-SLS624E Datasheet HTML 3Page - Actel Corporation RTAX2000-SLS624E Datasheet HTML 4Page - Actel Corporation RTAX2000-SLS624E Datasheet HTML 5Page - Actel Corporation RTAX2000-SLS624E Datasheet HTML 6Page - Actel Corporation RTAX2000-SLS624E Datasheet HTML 7Page - Actel Corporation RTAX2000-SLS624E Datasheet HTML 8Page - Actel Corporation RTAX2000-SLS624E Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 170 page
background image
RTAX-S/SL RadTolerant FPGAs
v5.3
v
Actel Extended Flow
Table 3 • Actel Extended Flow for RTAX-S/SL 1, 2, 3, 4
Step
Screen
Method
Requirement
1
Destructive Bond Pull5
2011, Condition D
Extended Sample
2
Internal Visual
2010, Condition A
100%
3
Serialization
100%
4
Temperature Cycling
1010, Condition C, 10 cycles minimum
100%
5
Constant Acceleration
2001, Y1 Orientation Only
Condition B for CQ352, LG624, LG1152
Condition D for CQ208
TBD for LG1272
6
Particle Impact Noise Detection
2020, Condition A
100%
7
Radiographic (X-Ray)
2012, One View (Y1 Orientation) Only
100%
8
Pre-Burn-In Electrical Parameters
In
accordance
with
applicable
Actel
device
specification
9
Dynamic Burn-In
1015, Condition D,
240 hours at 125°C or 120 hours at 150°C
minimum
100%
10
Interim
(Post-Dynamic-Burn-In)
Electrical
Parameters
In
accordance
with
applicable
Actel
device
specification
100%
11
Static Burn-In
1015, Condition C, 72 hours at 150°C or 144
hours at 125°C minimum
100%
12
Interim (Post-Static-Burn-In) Electrical Parameters
In
accordance
with
applicable
Actel
device
specification
100%
13
Percent Defective Allowable (PDA) Calculation
5% Overall, 3% Functional Parameters at 25°C
All Lots
14
Final Electrical Test4
a. Static Tests
(1) 25°C
(2) –55°C and +125°C
b. Functional Tests
(1) 25°C
(2) –55°C and +125°C
c. Switching Tests at 25°C
In
accordance
with
applicable
Actel
device
specification, which includes a, b, and c:
5005, Table 1, Subgroup 1
5005, Table 1, Subgroup 2, 3
5005, Table 1, Subgroup 7
5005, Table 1, Subgroup 8a, 8b
5005, Table 1, Subgroup 9
100%
15
Seal (Fine & Gross Leak Test)
1014
100%
16
External Visual
2009
100%
Notes:
1. Actel offers Extended Flow for users requiring additional screening beyond MIL-STD-833, Class B requirement. Actel is offering this
Extended Flow incorporating the majority of the screening procedures as outlined in Method 5004 of MIL-STD-883, Class S.
2. The Quality Conformance Inspection (QCI) for Extended Flow devices still comply to MIL-STD-833, Class B requirement.
3. For CCGA devices, all Assembly/Screening/TCI testing are performed at LGA level. Only QA electrical and mechanical visual are
performed after solder column attachment.
4. RTAX-S and RTAX-SL devices have the same silicon and are distinguished by screening the ICCA current limits at 125°C final electrical
test.
5. Requirement for 100% nondestructive bond pull per Method 2003 is substituted by an extensive destructive bond pull to Method
2011 Condition D on an extended sample basis.


Similar Part No. - RTAX2000-SLS624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX2000-SLS624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com