Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE253 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJE253
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE253 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE253 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE253 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
MJE253
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -10mA; IB= 0
-100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -0.5 A ;IB= -50mA
-0.3
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -1A ;IB= -0.1A
-0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -2A ;IB= -0.2A
-1.8
V
VBE(on)
Base-Emitter On Voltage
IC= -0.5A; VCE= -1V
-1.5
V
ICBO
Collector Cutoff Current
VCB= -100V; IE= 0
VCB= -100V; IE= 0;TC= 125℃
-0.1
-0.1
μA
mA
IEBO
Emitter Cutoff Current
VEB= -7V; IC= 0
-0.1
μA
hFE-1
DC Current Gain
IC= -0.2 A ; VCE= -1V
40
180
hFE-2
DC Current Gain
IC= -1A ; VCE= -1V
15
fT
Current-Gain—Bandwidth Product
IC= -0.1 A; VCE= -10V; ftest = 10MHz
40
MHz
COB
Collector Capacitance
IE= 0; VCB= -10V; ftest = 0.1MHz
50
pF
isc Website:www.iscsemi.cn


Similar Part No. - MJE253

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE253 MOTOROLA-MJE253 Datasheet
235Kb / 6P
   4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
logo
ON Semiconductor
MJE253 ONSEMI-MJE253 Datasheet
235Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
REV 7
logo
Central Semiconductor C...
MJE253 CENTRAL-MJE253 Datasheet
76Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJE253 ONSEMI-MJE253 Datasheet
90Kb / 6P
   Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
MJE253 ONSEMI-MJE253 Datasheet
193Kb / 6P
   Complementary Silicon Power Plastic Transistors
April, 2009 ??Rev. 13
More results

Similar Description - MJE253

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com