Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX250-SB624EV Datasheet(PDF) 66 Page - Actel Corporation

Part # RTAX250-SB624EV
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX250-SB624EV Datasheet(HTML) 66 Page - Actel Corporation

Back Button RTAX250-SB624EV Datasheet HTML 62Page - Actel Corporation RTAX250-SB624EV Datasheet HTML 63Page - Actel Corporation RTAX250-SB624EV Datasheet HTML 64Page - Actel Corporation RTAX250-SB624EV Datasheet HTML 65Page - Actel Corporation RTAX250-SB624EV Datasheet HTML 66Page - Actel Corporation RTAX250-SB624EV Datasheet HTML 67Page - Actel Corporation RTAX250-SB624EV Datasheet HTML 68Page - Actel Corporation RTAX250-SB624EV Datasheet HTML 69Page - Actel Corporation RTAX250-SB624EV Datasheet HTML 70Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 170 page
background image
RTAX-S/SL RadTolerant FPGAs
2- 48
v5.3
R-Cell
Introduction
The R-cell, the sequential logic resource of the RTAX-S/SL
devices, is the second logic module type in the RTAX-S/SL
family architecture. The RTAX-S/SL R-cell is an enhanced
version of the A54SX-A R-cell. It includes additional clock
inputs for all eight global resources of the RTAX-S/SL
architecture as well as global presets and clears (Figure 2-
32).
The main features of the R-cell include the following:
Direct connection to the adjacent logic module
through the hardwired connection DCIN. DCIN is
driven by the DCOUT of an adjacent C-cell via the
Direct-Connect routing resource, providing a
connection with less than 0.1 ns of routing delay.
The R-cell can be used as a standalone flip-flop. It
can be driven by any C-cell or I/O modules through
the regular routing structure (using DIN as a
routable data input). This gives the option of
using the R-cell as a 2:1 MUXed flip-flop as well.
Provision of data enable-input (S0).
Independent active low asynchronous clear (CLR).
Independent
active
low
asynchronous
preset
(PSET). If both CLR and PSET are low, CLR has
higher priority.
Clock can be driven by any of the following (CKP
selects clock polarity):
One of the four high performance hardwired
fast clocks (HCLKs)
One of the four routed clocks (CLKs)
User signals
Global power-on clear (GCLR) and preset (GPSET),
which drive each flip-flop on a chip-wide basis.
When the Global Set Fuse option in the
Designer software is unchecked (by default),
GCLR = 0 and GPSET =1 at device power-up.
When the option is checked, GCLR = 1 and
GPSET= 0. Both pins are pulled HIGH when the
device is in user mode.
S0, S1, PSET, and CLR can be driven by routed
clocks CLKE/F/G/H or user signals.
DIN and S1 can be driven by user signals.
As with the C-cell, the configuration of the R-cell to
perform various functions is handled automatically for
the user through Actel's extensive macro library (please
see the Actel Macro Library Guide for a complete listing
of available RTAX-S/SL macros).
Figure 2-32 • R-Cell
Y
S1
S0
CKS
DCIN
DIN (user signals)
HCLKA/B/C/D
CLKE/F/G/H
Internal Logic
CKP
SEU
Enhanced
D-FF


Similar Part No. - RTAX250-SB624EV

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX250-SB624EV

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com