Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX250-SCQ624EV Datasheet(PDF) 1 Page - Actel Corporation

Part # RTAX250-SCQ624EV
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX250-SCQ624EV Datasheet(HTML) 1 Page - Actel Corporation

  RTAX250-SCQ624EV Datasheet HTML 1Page - Actel Corporation RTAX250-SCQ624EV Datasheet HTML 2Page - Actel Corporation RTAX250-SCQ624EV Datasheet HTML 3Page - Actel Corporation RTAX250-SCQ624EV Datasheet HTML 4Page - Actel Corporation RTAX250-SCQ624EV Datasheet HTML 5Page - Actel Corporation RTAX250-SCQ624EV Datasheet HTML 6Page - Actel Corporation RTAX250-SCQ624EV Datasheet HTML 7Page - Actel Corporation RTAX250-SCQ624EV Datasheet HTML 8Page - Actel Corporation RTAX250-SCQ624EV Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 170 page
background image
October 2008
i
© 2008 Actel Corporation
See the Actel website for the latest version of the datasheet.
All RTAX4000S information is preliminary.
RTAX-S/SL RadTolerant FPGAs
Radiation Performance
SEU-Hardened Registers Eliminate the Need for Triple-
Module Redundancy (TMR)
Immune to Single-Event Upsets (SEU) to LETTH > 37
MeV-cm2/mg
–SEU
Rate
<
10-10
Errors/Bit-Day
in
Worst-Case
Geosynchronous Orbit
Expected SRAM Upset Rate of <10-10 Errors/Bit-Day with
Use of Error Detection and Correction (EDAC) IP (included)
with Integrated SRAM Scrubber
Single-Bit Correction, Double-Bit Detection
Variable-Rate Background Refreshing
Total Ionizing Dose Up to 300 krad (Si, Functional)
Single-Event Latch-Up Immunity (SEL) to LETTH > 117 MeV-
cm2/mg
TM1019 Test Data Available
Single Event Transient (SET) – No Anomalies up to 150 MHz
Processing Flows
B-Flow – MIL-STD-883B
E-Flow – Actel Extended Flow
EV-Flow – Class V Equivalent Flow Processing Consistent
with MIL-PRF 38535
Prototyping Options
Commercial
Axcelerator
Devices
for
Functional
Verification
RTAX-S PROTO Devices with Same Functional and Timing
Characteristics as Flight Unit in a Non-Hermetic Package
RTAX-SL Low Power Option
Offers Approximately Half the Standby Current of the
Standard RTAX-S Device at Worst-Case Conditions
Leading-Edge Performance
High-Performance Embedded FIFOs
350+ MHz System Performance
500+ MHz Internal Performance
700 Mb/s LVDS Capable I/Os
Specifications
Up to 4 Million Equivalent System Gates or 500 k
Equivalent ASIC Gates
Up to 20,160 SEU-Hardened Flip-Flops
Up to 840 I/Os
Up to 540 kbits Embedded SRAM
Manufactured on Advanced 0.15
μm CMOS Antifuse
Process Technology, 7 Layers of Metal
Electrostatic Discharge (ESD) is 2,000 V (HBM MIL-STD-883,
TM3015)
Features
Single-Chip, Nonvolatile Solution
1.5 V Core Voltage for Low Power
Flexible, Multi-Standard I/Os:
1.5 V, 1.8 V, 2.5 V, 3.3 V Mixed Voltage Operation
Bank-Selectable I/Os – 8 Banks per Chip
Single-Ended I/O Standards: LVTTL, LVCMOS, 3.3 V PCI
JTAG Boundary Scan Testing (as per IEEE 1149.1)
Differential I/O Standards: LVPECL and LVDS
Voltage-Referenced I/O Standards: GTL+, HSTL Class 1,
SSTL2 Class 1 and 2, SSTL3 Class 1 and 2
Hot-Swap
Compliant
with
Cold-Sparing
Support
(Except PCI)
Embedded Memory with Variable Aspect Ratio and
Organizations:
Independent, Width-Configurable Read and Write Ports
Programmable Embedded FIFO Control Logic
ROM Emulation Capability
Deterministic, User-Controllable Timing
Unique In-System Diagnostic and Debug Capability
Table 1 • RTAX-S/SL Family Product Profile
Device
RTAX250S/SL
RTAX1000S/SL
RTAX2000S/SL
RTAX4000S
Capacity
Equivalent System Gates
ASIC Gates
250,000
30,000
1,000,000
125,000
2,000,000
250,000
4,000,000
500,000
Modules
Register (R-cells)
Combinatorial (C-cells)
Flip-Flops (maximum)
1,408
2,816
2,816
6,048
12,096
12,096
10,752
21,504
21,504
20,160
40,320
40,320
Embedded RAM/FIFO (without EDAC)
Core RAM Blocks
Core RAM Bits (K = 1,024)
12
54 k
36
162 k
64
288 k
120
540 k
Clocks (segmentable)
Hardwired
Routed
4
4
4
4
4
4
4
4
I/Os
I/O Banks
User I/Os (maximum)
I/O Registers
8
198
744
8
418
1,548
8
684
2,052
8
840
2,520
Package
CCGA/LGA
CQFP
208, 352
624
352
624, 1152
256, 352
1272
352
v5.3


Similar Part No. - RTAX250-SCQ624EV

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX250-SCQ624EV

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com