Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX250-SLB624E Datasheet(PDF) 56 Page - Actel Corporation

Part # RTAX250-SLB624E
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX250-SLB624E Datasheet(HTML) 56 Page - Actel Corporation

Back Button RTAX250-SLB624E Datasheet HTML 52Page - Actel Corporation RTAX250-SLB624E Datasheet HTML 53Page - Actel Corporation RTAX250-SLB624E Datasheet HTML 54Page - Actel Corporation RTAX250-SLB624E Datasheet HTML 55Page - Actel Corporation RTAX250-SLB624E Datasheet HTML 56Page - Actel Corporation RTAX250-SLB624E Datasheet HTML 57Page - Actel Corporation RTAX250-SLB624E Datasheet HTML 58Page - Actel Corporation RTAX250-SLB624E Datasheet HTML 59Page - Actel Corporation RTAX250-SLB624E Datasheet HTML 60Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 170 page
background image
RTAX-S/SL RadTolerant FPGAs
2- 38
v5.3
SSTL3
Stub Series Terminated Logic for 3.3 V is a general-purpose 3.3 V memory bus standard (JESD8-8). The RTAX-S/SL
devices support both classes of this standard. This requires a differential amplifier input buffer and a push-pull output
buffer.
Class I
AC Loadings
Timing Characteristics
Table 2-47 • DC Input and Output Levels
VIL
VIH
VOL
VOH
IOL
IOH
Min,V
Max,V
Min,V
Max,V
Max,V
Min,V
mA
mA
–0.3
VREF-0.2
VREF+0.2
3.6
VREF-0.6
VREF+0.6
8
–8
Figure 2-24 • AC Test Loads
Table 2-48 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ) (V)
Cload (pF)
VREF-1.0
VREF+1.0
VREF
1.50
30
Note: *Measuring Point = Vtrip
Test Point
30 pF
50
25
VTT
Table 2-49 • Worst-Case Military Conditions VCCA = 1.4 V, VCCI = 3.0 V, TJ = 125°C
Parameter
Description
'–1' Speed
'Std.' Speed
Units
Min.
Max.
Min.
Max.
3.3 V SSTL3 Class I I/O Module Timing
tDP
Input buffer
2.09
2.46
ns
tPY
Output buffer
2.55
2.99
ns
tICLKQ
Clock-to-Q for the I/O input register
0.91
1.07
ns
tOCLKQ
Clock-to-Q for the IO output register and the I/O enable register
0.91
1.07
ns
tSUD
Data input setup
0.31
0.37
ns
tSUE
Enable input setup
0.35
0.41
ns
tHD
Data input hold
0.00
0.00
ns
tHE
Enable input hold
0.00
0.00
ns
tCPWHL
Clock pulse width High to Low
0.39
0.39
ns
tCPWLH
Clock pulse width Low to High
0.37
0.37
ns
tWASYN
Asynchronous pulse width
0.37
0.37
ns
tREASYN
Asynchronous recovery time
0.17
0.21
ns
tHASYN
Asynchronous removal time
0.00
0.00
ns
tCLR
Asynchronous Clear-to-Q
0.31
0.37
ns
tPRESET
Asynchronous Preset-to-Q
0.31
0.37
ns


Similar Part No. - RTAX250-SLB624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX250-SLB624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com