Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX250-SS624E Datasheet(PDF) 29 Page - Actel Corporation

Part # RTAX250-SS624E
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX250-SS624E Datasheet(HTML) 29 Page - Actel Corporation

Back Button RTAX250-SS624E Datasheet HTML 25Page - Actel Corporation RTAX250-SS624E Datasheet HTML 26Page - Actel Corporation RTAX250-SS624E Datasheet HTML 27Page - Actel Corporation RTAX250-SS624E Datasheet HTML 28Page - Actel Corporation RTAX250-SS624E Datasheet HTML 29Page - Actel Corporation RTAX250-SS624E Datasheet HTML 30Page - Actel Corporation RTAX250-SS624E Datasheet HTML 31Page - Actel Corporation RTAX250-SS624E Datasheet HTML 32Page - Actel Corporation RTAX250-SS624E Datasheet HTML 33Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 170 page
background image
RTAX-S/SL RadTolerant FPGAs
v5.3
2-11
I/O Specifications
Pin Descriptions
Supply Pins
GND
Ground
Low supply voltage.
VCCA
Supply Voltage
Supply voltage for array (1.5 V).
VCCIBx
Supply Voltage
Supply voltage for I/Os. Bx is the I/O Bank ID – 0 to 7. See
"User I/Os" on page 2-12 for more information.
VCCDA
Supply Voltage
Supply voltage for the I/O differential amplifier and JTAG
and probe interfaces. VCCDA is either 3.3 V or 2.5 V and
must
use
3.3 V
when
voltage-referenced
and/or
differential is used. Additionally, VCCDA must be greater
than or equal to any VCCI voltages (i.e. VCCDA VCCIBx).
VPUMP
Supply Voltage (External Pump)
In low-power mode, VPUMP will be used to access an
external charge pump (if the user desires to bypass the
internal charge pump to further reduce power). The
device starts using the external charge pump when the
voltage level on VPUMP reaches 3.3 V.
1 In normal device
operation, when using the internal charge pump, VPUMP
should be tied to GND.
User-Defined Supply Pins
VREF
Supply Voltage
Reference voltage for I/O banks. VREF pins are configured
by the user from regular I/O pins; VREF are not in fixed
locations. There can be one or more VREF pins in an I/O
bank.
Global Pins
HCLKA/B/C/D
Dedicated (Hardwired)
Clocks A, B, C, and D
These pins are the clock input for sequential modules.
Input levels are compatible with all supported I/O
standards (there is a P/N pin pair for support of
differential I/O standards). This input is directly wired to
each R-cell and offers clock speeds independent of the
number of R-cells being driven. When the HCLK pins are
unused, it is recommended that they are tied to the
ground.
CLKE/F/G/H
Global Clocks E, F, G, and H
These pins are clock inputs for clock distribution
networks. Input levels are compatible with all supported
I/O standards (there is a P/N pin pair for support of
differential I/O standards). The clock input is buffered
prior to clocking the R-cells. When the CLK pins are
unused, Actel recommends that they are tied to a known
state.
1. When VPUMP = 3.3V, it shuts off the internal charge pump.


Similar Part No. - RTAX250-SS624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX250-SS624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com