Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX250-SS624E Datasheet(PDF) 15 Page - Actel Corporation

Part # RTAX250-SS624E
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX250-SS624E Datasheet(HTML) 15 Page - Actel Corporation

Back Button RTAX250-SS624E Datasheet HTML 11Page - Actel Corporation RTAX250-SS624E Datasheet HTML 12Page - Actel Corporation RTAX250-SS624E Datasheet HTML 13Page - Actel Corporation RTAX250-SS624E Datasheet HTML 14Page - Actel Corporation RTAX250-SS624E Datasheet HTML 15Page - Actel Corporation RTAX250-SS624E Datasheet HTML 16Page - Actel Corporation RTAX250-SS624E Datasheet HTML 17Page - Actel Corporation RTAX250-SS624E Datasheet HTML 18Page - Actel Corporation RTAX250-SS624E Datasheet HTML 19Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 170 page
background image
RTAX-S/SL RadTolerant FPGAs
v5.3
1-7
Global Resources
Each family member has three types of global signals
available to the designer: HCLK, CLK, and GCLR/GPSET.
There are four hardwired clocks (HCLK) per device that
can directly drive the clock input of each R-cell. Each of
the four routed clocks (CLK) can drive the clock, clear,
preset, or enable pin of an R-cell or any input of a C-cell
(Figure 1-3 on page 1-3).
Global clear (GCLR) and global preset (GPSET) drive the
clear and preset inputs of each R-cell as well as each I/O
Register on a chip-wide basis at power-up.
Design Environment
The RTAX-S/SL family of FPGAs is fully supported by both
Actel Libero® Integrated Design Environment (IDE) and
Designer FPGA Development software. Actel Libero IDE
is
an
integrated
design
manager
that
seamlessly
integrates design tools while guiding the user through
the design flow, managing all design and log files, and
passing necessary design data among tools. Additionally,
Libero IDE allows users to integrate both schematic and
HDL synthesis into a single flow and verify the entire
design in a single environment (see the Libero IDE Flow
diagram located on the Actel website). Libero IDE
includes Synplify® AE from Synplicity®, ViewDraw® AE
from Mentor Graphics®, ModelSim® HDL Simulator from
Mentor
Graphics,
WaveFormer
Lite™
AE
from
SynaptiCAD®, and Designer software from Actel.
Actel's Designer software is a place-and-route tool and
provides a comprehensive suite of backend support tools
for FPGA development. The Designer software includes
the following:
Timer – a world-class integrated static timing analyzer
and constraints editor which support timing-driven
place-and-route
NetlistViewer – a design netlist schematic viewer
ChipPlanner – a graphical floorplanner viewer and editor
SmartPower – allows the designer to quickly estimate
the power consumption of a design
PinEditor – a graphical application for editing pin
assignments and I/O attributes
I/O Attribute Editor – displays all assigned and
unassigned I/O macros and their attributes in a
spreadsheet format
With the Designer software, a user can lock the design
pins before layout while minimally impacting the results
of
place-and-route.
Additionally,
the
Actel
back-
annotation flow is compatible with all the major
simulators and the simulation results can be cross-probed
with Silicon Explorer II, the Actel integrated verification
and logic analysis tool. Another tool included in the
Designer software is the SmartGen core generator, which
easily
creates
popular
and
commonly
used
logic
functions for implementation into your schematic or HDL
design.
Actel Designer software is compatible with the most
popular FPGA design entry and verification tools from
EDA vendors, such as Mentor Graphics, Synplicity,
Synopsys, and Cadence Design Systems. The Designer
software is available for both the Windows and UNIX
operating systems.
Programming
Programming support is provided through Actel Silicon
Sculptor 3, a single-site programmer driven via a
PC-based GUI. Factory programming is available for high-
volume production needs.
Low-Cost Prototyping Solutions
Since the enhanced radiation characteristics of radiation-
tolerant devices are not required during the prototyping
phase of the design, Actel has developed two prototyping
options for RTAX-S/SL. For early design development and
functional
verification,
Actel
offers
the
commercial
Axcelerator devices while for final flight design verification
in hardware, Actel offers the RTAX-S PROTO device that has
the same form, fit, and function as the flight silicon.
Prototyping with Axcelerator Units
The prototyping solution using the commercial Axcelerator
devices consists of two parts:
A well-documented design flow that allows the
customer to target an RTAX-S/SL design to the
equivalent commercial Axcelerator device
A set of Actel Extender circuit boards that map the
commercial device package to the appropriate
RTAX-S package footprint
This methodology provides the user with a cost-effective
solution while maintaining the short time-to-market
associated with Actel FPGAs.
Prototyping with RTAX-S PROTO Units
The RTAX-S PROTO units offer a prototyping solution
that can be used for final timing verification of the flight
design. The RTAX-S PROTO prototype units have the
same timing attributes as the RTAX-S/SL flight units.
Prototype units are offered in non-hermetic ceramic
packages. The prototype units include "PROTO" in their
part number, and “PROTO” is marked on devices to
indicate that they are not intended for space flight. They
also are not intended for applications, which require the
quality of space-flight units, such as qualification of
space-flight
hardware.
RT-PROTO
units
offer
no
guarantee
of
hermeticity,
and
no
MIL-STD-883B
processing. At a minimum, users should plan on using
class B level devices for all qualification activities.


Similar Part No. - RTAX250-SS624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX250-SS624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com