Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX250-SS624E Datasheet(PDF) 92 Page - Actel Corporation

Part # RTAX250-SS624E
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX250-SS624E Datasheet(HTML) 92 Page - Actel Corporation

Back Button RTAX250-SS624E Datasheet HTML 88Page - Actel Corporation RTAX250-SS624E Datasheet HTML 89Page - Actel Corporation RTAX250-SS624E Datasheet HTML 90Page - Actel Corporation RTAX250-SS624E Datasheet HTML 91Page - Actel Corporation RTAX250-SS624E Datasheet HTML 92Page - Actel Corporation RTAX250-SS624E Datasheet HTML 93Page - Actel Corporation RTAX250-SS624E Datasheet HTML 94Page - Actel Corporation RTAX250-SS624E Datasheet HTML 95Page - Actel Corporation RTAX250-SS624E Datasheet HTML 96Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 170 page
background image
RTAX-S/SL RadTolerant FPGAs
2- 74
v5.3
Figure 2-53 illustrates flag generation. The Verilog statements for flag assignment are:
assign AF = (DIFF[15:0] >={AFVAL[7:0],8'b00000000})?1:0;
assign AE = ({AEVAL[7:0],8'b00000000}>=DIFF[15:0])?1:0;
The number of DIFF-bits active depends on the configuration depth and width (Table 2-92). The active-high CLR pin is
used to reset the FIFO to the empty state, which sets FULL and AFULL low, and EMPTY and AEMPTY high.
Assuming that the EMPTY flag is not set, new data is read from the FIFO when REN is valid on the active edge of the
clock. Write and read transfers are described with timing requirements in "Timing Characteristics" on page 2-77. For
more information refer to the application note, EMPTY and FULL Flag Behaviors of the Axcelerator FIFO Controller.
Figure 2-53 • ALMOST-EMPTY and ALMOST-FULL Logic
Table 2-92 • Number of Available Configuration Bits
Number of Blocks
Block DxW
Number of AEVAL/AFVAL Bits
11x1
4
21x2
4
22x1
5
41x4
4
42x2
5
44x1
6
81x8
4
82x4
5
84x2
6
88x1
7
16
1x16
4
16
2x8
5
16
4x4
6
16
8x2
7
16
16x1
8
WCNTR
[15:0]
WCLK
RCNTR
[15:0]
RCLK
16
16
X
Y
X
Y
AEMPTY
AFULL
X>=Y
(16-bit)
DIFF [15:0]
AEVAL [7:0], GND [7:0] (MSB....LSB)
AFVAL [7:0], GND [7:0] (MSB....LSB)


Similar Part No. - RTAX250-SS624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX250-SS624E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com