Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX250-SB624B Datasheet(PDF) 70 Page - Actel Corporation

Part # RTAX250-SB624B
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX250-SB624B Datasheet(HTML) 70 Page - Actel Corporation

Back Button RTAX250-SB624B Datasheet HTML 66Page - Actel Corporation RTAX250-SB624B Datasheet HTML 67Page - Actel Corporation RTAX250-SB624B Datasheet HTML 68Page - Actel Corporation RTAX250-SB624B Datasheet HTML 69Page - Actel Corporation RTAX250-SB624B Datasheet HTML 70Page - Actel Corporation RTAX250-SB624B Datasheet HTML 71Page - Actel Corporation RTAX250-SB624B Datasheet HTML 72Page - Actel Corporation RTAX250-SB624B Datasheet HTML 73Page - Actel Corporation RTAX250-SB624B Datasheet HTML 74Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 170 page
background image
RTAX-S/SL RadTolerant FPGAs
2- 52
v5.3
Routing Specifications
Routing Resources
The routing structure found in RTAX-S/SL devices enables
any logic module to be connected to any other logic
module while retaining high performance. There are
multiple paths and routing resources that can be used to
route one logic module to another, both within a
SuperCluster and elsewhere on the chip.
There are four primary types of routing within the RTAX-S/
SL architecture: DirectConnect, CarryConnect, FastConnect
and Vertical and Horizontal Routing.
DirectConnect
DirectConnects
provide
a
high-speed
connection
between an R-cell and its adjacent C-cell (Figure 2-39).
This connection can be made from DCOUT of the C-cell
to DCIN of the R-cell by configuring of the S1 line of the
R-cell. This provides a connection that does not require
an antifuse and has a delay of less than 0.1 ns.
CarryConnect
CarryConnects are used to build carry chains for
arithmetic functions (Figure 2-39). The FCO output of the
right C-cell of a two-C-cell Cluster drives the FCI input of
the left C-cell in the two-C-cell Cluster immediately
below it. This pattern continues down both sides of each
SuperCluster column.
Similar to the DirectConnects, CarryConnects can be built
without an antifuse connection. This connection has a
delay of less than 0.1 ns from the FCO of one two-C-cell
Cluster to the FCI of the two-C-cell Cluster immediately
below it (see the "Carry-Chain Logic" on page 2-46 for
more information).
FastConnect
For high-speed routing of logic signals, FastConnects can
be used to build a short distance connection using a
single antifuse (Figure 2-40 on page 2-53). FastConnects
provide a maximum delay of 0.4 ns. The outputs of each
logic module connect directly to the Output Tracks
within a SuperCluster. Signals on the Output Tracks can
then be routed through a single antifuse connection to
drive the inputs of logic modules either within one
SuperCluster or in the SuperCluster immediately below
it.
Vertical and Horizontal Routing
Vertical and Horizontal Tracks provide both local and
long distance routing (Figure 2-41 on page 2-53). These
tracks are composed of both short-distance, segmented
routing and across-chip routing tracks (segmented at
core tile boundaries). The short-distance, segmented
routing resources can be concatenated through antifuse
connections to build longer routing tracks.
These short-distance routing tracks can be used within
and between SuperClusters or between modules of non-
adjacent SuperClusters. They can be connected to the
Output Tracks and to any logic module input (R-cell,
C-cell, Buffer, and TX module).
Figure 2-39 • DirectConnect and CarryConnect


Similar Part No. - RTAX250-SB624B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX250-SB624B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com