Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX250-SLG624B Datasheet(PDF) 99 Page - Actel Corporation

Part # RTAX250-SLG624B
Description  RTAX-S/SL RadTolerant FPGAs
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX250-SLG624B Datasheet(HTML) 99 Page - Actel Corporation

Back Button RTAX250-SLG624B Datasheet HTML 95Page - Actel Corporation RTAX250-SLG624B Datasheet HTML 96Page - Actel Corporation RTAX250-SLG624B Datasheet HTML 97Page - Actel Corporation RTAX250-SLG624B Datasheet HTML 98Page - Actel Corporation RTAX250-SLG624B Datasheet HTML 99Page - Actel Corporation RTAX250-SLG624B Datasheet HTML 100Page - Actel Corporation RTAX250-SLG624B Datasheet HTML 101Page - Actel Corporation RTAX250-SLG624B Datasheet HTML 102Page - Actel Corporation RTAX250-SLG624B Datasheet HTML 103Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 170 page
background image
RTAX-S/SL RadTolerant FPGAs
v5.3
2-81
Building RAM and FIFO Modules
RAM and FIFO modules can be generated and included in a design in two different ways:
Using the SmartGen core generator where the user defines the depth and width of the FIFO/RAM, and then
instantiates this block into the design (please refer to the Actel SmartGen, FlashROM, Analog System Builder,
and Flash Memory System Builder User’s Guide for more information).
The alternative is to instantiate the RAM/FIFO blocks manually, using inverters for polarity control and tying all
unused data bits to ground.
Table 2-99 • Sixteen FIFO Blocks are Cascaded (Worst-Case MIlitary Conditions VCCA = 1.4 V, VCCI = 3.0 V, TJ = 125°C)
Parameter
Description
'–1' Speed
'Std' Speed
Units
Min.
Max.
Min.
Max.
FIFO Module Timing
tWSU
Write Setup
22.14
26.03
ns
tWHD
Write Hold
0.30
0.35
ns
tWCKH
WCLK High
1.31
1.54
ns
tWCKL
WCLK Low
23.34
27.44
ns
tWCKP
Minimum WCLK Period
tRSU
Read Setup
24.27
28.53
ns
tRHD
Read Hold
0.00
0.00
ns
tRCKH
RCLK High
1.27
1.49
ns
tRCKL
RCLK Low
25.10
29.51
ns
tRCKP
Minimum RCLK period
tCLRHF
Clear High
1.45
1.70
ns
tCLR2FF
Clear-to-flag (EMPTY/FULL)
2.57
3.02
ns
tCLR2AF
Clear-to-flag (AEMPTY/AFULL)
5.88
6.91
ns
tCK2FF
Clock-to-flag (EMPTY/FULL)
2.85
3.35
ns
tCK2AF
Clock-to-flag (AEMPTY/AFULL)
6.75
7.94
ns
tRCK2RD1
RCLK-To-OUT (Pipelined)
17.02
20.01
ns
tRCK2RD2
RCLK-To-OUT (Non-Pipelined)
18.62
21.89
ns


Similar Part No. - RTAX250-SLG624B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152E ACTEL-RTAX2000D-CG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-CG1152EV ACTEL-RTAX2000D-CG1152EV Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152B ACTEL-RTAX2000D-LG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RTAX2000D-LG1152E ACTEL-RTAX2000D-LG1152E Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
More results

Similar Description - RTAX250-SLG624B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX2000D-CG1152B ACTEL-RTAX2000D-CG1152B Datasheet
592Kb / 8P
   RTAX-DSP Radiation-Tolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com