Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTAX4000D-CG1152B Datasheet(PDF) 5 Page - Actel Corporation

Part # RTAX4000D-CG1152B
Description  RTAX-DSP Radiation-Tolerant FPGAs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTAX4000D-CG1152B Datasheet(HTML) 5 Page - Actel Corporation

  RTAX4000D-CG1152B Datasheet HTML 1Page - Actel Corporation RTAX4000D-CG1152B Datasheet HTML 2Page - Actel Corporation RTAX4000D-CG1152B Datasheet HTML 3Page - Actel Corporation RTAX4000D-CG1152B Datasheet HTML 4Page - Actel Corporation RTAX4000D-CG1152B Datasheet HTML 5Page - Actel Corporation RTAX4000D-CG1152B Datasheet HTML 6Page - Actel Corporation RTAX4000D-CG1152B Datasheet HTML 7Page - Actel Corporation RTAX4000D-CG1152B Datasheet HTML 8Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RTAX-DSP Radiation-Tolerant FPGAs
Pro d uct Br ief
v
Actel "EV" Flow (Class V Flow Equivalent Processing)
Table 4 •
Actel "EV" Flow (Class V Equivalent Flow Processing) for RTAX-DSP1, 2
Step
Screen
Method
Requirement
1
Destructive Bond Pull3
2011, Condition D
Extended Sample
2
Internal Visual
2010, Condition A
100%
3
Serialization
100%
4
Temperature Cycling
1010, Condition C, 50 cycles minimum
100%
5
Constant Acceleration
2001, Y1 Orientation Only
Condition TBD
100%
6
Particle Impact Noise Detection
2020, Condition A
100%
7
Radiographic (X-Ray)
2012, One View (Y1 Orientation) Only
100%
8
Pre-Burn-In Electrical Parameters
In
accordance
with
applicable
Actel
device
specification
100%
9
Dynamic Burn-In
1015, Condition D,
240 hours at 125°C or 120 hours at 150°C
minimum
100%
10
Interim (Post-Dynamic-Burn-In) Electrical Parameters In
accordance
with
applicable
Actel
device
specification
100%
11
Static Burn-In
1015, Condition C, 72 hours at 150°C or 144 hours
at 125°C minimum
100%
12
Interim (Post-Static-Burn-In) Electrical Parameters
In
accordance
with
applicable
Actel
device
specification
100%
13
Percent Defective Allowable (PDA) Calculation
5% Overall, 3% Functional Parameters at 25°C
All Lots
14
Final Electrical Test3, 4
a. Static Tests
(1) 25°C
(2) –55°C and +125°C
b. Functional Tests
(1) 25°C
(2) –55°C and +125°C
c. Switching Tests at 25°C
In
accordance
with
applicable
Actel
device
specification, which includes a, b, and c:
5005, Table 1, Subgroup 1
5005, Table 1, Subgroup 2, 3
5005, Table 1, Subgroup 7
5005, Table 1, Subgroup 8a, 8b
5005, Table 1, Subgroup 9
100%
15
Seal (Fine & Gross Leak Test)
1014
100%
16
External Visual
2009
100%
17
Wafer Lot Specific Life Test (Group C)
MIL-PRF-38535, Appendix B, sec. B.4.2.c
All Wafer Lots
Notes:
1. Actel offers "EV" flow for users requiring full compliance to the MIL-PRF-38535 Class V requirement.
The "EV" process flow is expanded from the existing E-flow requirement (it still meets the full SMD requirement for current E-flow
devices) with the intention to be in full compliance to the MIL-PRF-38535 Table IA and Appendix B requirement, but without the
official Class V certification from DSCC.
2. For CCGA devices, all Assembly/Screening/TCI testing is performed at LGA level. Only QA electrical and mechanical visual tests are
performed after solder column attachment.
3. The requirement for 100% nondestructive bond pull per Method 2003 is fulfilled by substitution of an extensive extended sample
basis.
4. Read and record performed at –55°C and +125°C (no delta calculation).


Similar Part No. - RTAX4000D-CG1152B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX4000-SB624B ACTEL-RTAX4000-SB624B Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RTAX4000-SB624E ACTEL-RTAX4000-SB624E Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RTAX4000-SB624EV ACTEL-RTAX4000-SB624EV Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RTAX4000-SCG624B ACTEL-RTAX4000-SCG624B Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RTAX4000-SCG624E ACTEL-RTAX4000-SCG624E Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
More results

Similar Description - RTAX4000D-CG1152B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTAX-S ACTEL-RTAX-S Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RT3PE3000L-1FG484B ACTEL-RT3PE3000L-1FG484B Datasheet
4Mb / 144P
   Radiation-Tolerant ProASIC3 Low-Power Space- Flight Flash FPGAs
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Micropac Industries
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
   RADIATION TOLERANT
66296 MICROPAC-66296 Datasheet
123Kb / 2P
   PROTON RADIATION TOLERANT
66342 MICROPAC-66342 Datasheet
78Kb / 2P
   PROTON RADIATION TOLERANT
logo
List of Unclassifed Man...
OLF249 ETC2-OLF249 Datasheet
28Kb / 3P
   Radiation Tolerant Phototransistor
logo
ATMEL Corporation
M67206F ATMEL-M67206F Datasheet
72Kb / 5P
   Radiation Tolerant FIFOs
logo
Micropac Industries
53253 MICROPAC-53253_07 Datasheet
81Kb / 8P
   RADIATION TOLERANT, 90V - 0.8A
logo
Xilinx, Inc
DS071 XILINX-DS071 Datasheet
172Kb / 20P
   Radiation-hardened FPGAs for space and satellite
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com