Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTSX32SU-1CQ256M Datasheet(PDF) 3 Page - Actel Corporation

Part # RTSX32SU-1CQ256M
Description  RTSX-SU RadTolerant FPGAs (UMC)
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTSX32SU-1CQ256M Datasheet(HTML) 3 Page - Actel Corporation

  RTSX32SU-1CQ256M Datasheet HTML 1Page - Actel Corporation RTSX32SU-1CQ256M Datasheet HTML 2Page - Actel Corporation RTSX32SU-1CQ256M Datasheet HTML 3Page - Actel Corporation RTSX32SU-1CQ256M Datasheet HTML 4Page - Actel Corporation RTSX32SU-1CQ256M Datasheet HTML 5Page - Actel Corporation RTSX32SU-1CQ256M Datasheet HTML 6Page - Actel Corporation RTSX32SU-1CQ256M Datasheet HTML 7Page - Actel Corporation RTSX32SU-1CQ256M Datasheet HTML 8Page - Actel Corporation RTSX32SU-1CQ256M Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
RTSX-SU RadTolerant FPGAs (UMC)
v2.2
iii
Speed Grade and Temperature/Application Matrix
QML Certification
Actel has achieved full QML certification, demonstrating that quality management procedures, processes, and controls
are in place and comply with MIL-PRF-38535 (the performance specification used by the U.S. Department of Defense
for monolithic integrated circuits).
Actel MIL-STD-883 Class B Product Flow
Std.
-1
M
✓✓
B
✓✓
E
✓✓
Step
Screen
883 Method
883–Class B
Requirement
1.
Internal Visual
2010, Test Condition B
100%
2.
Temperature Cycling
1010, Test Condition C
100%
3.
Constant Acceleration
2001, Test Condition B or D,
Y1, Orientation Only
100%
4.
Particle Impact Noise Detection
2020, Condition A
100%
5.
Seal
a. Fine
b. Gross
1014
100%
100%
6.
Visual Inspection
2009
100%
7.
Pre-Burn-In
Electrical Parameters
In accordance with applicable Actel
device specification
100%
8.
Dynamic Burn-In
1015, Condition D,
160 hours at 125°C or 80 hours at 150°C
100%
9.
Interim (Post-Burn-In)
Electrical Parameters
In accordance with applicable Actel
device specification
100%
10.
Percent Defective Allowable
5%
All Lots
11.
Final Electrical Test
a. Static Tests
(1)25°C
(Subgroup 1, Table I)
(2)–55°C and +125°C
(Subgroups 2, 3, Table I)
b. Functional Tests
(1)25°C
(Subgroup 7, Table I)
(2)–55°C and +125°C
(Subgroups 8A and 8B, Table I)
c. Switching Tests at 25°C
(Subgroup 9, Table I)
In accordance with applicable Actel
device specification, which includes a, b, and c:
5005
5005
5005
5005
5005
100%
100%
100%
12.
External Visual
2009
100%


Similar Part No. - RTSX32SU-1CQ256M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
More results

Similar Description - RTSX32SU-1CQ256M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTAX-S ACTEL-RTAX-S Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Kemet Corporation
SU7VC-02120 KEMET-SU7VC-02120 Datasheet
350Kb / 4P
   SU Coils, SU 7VC Type
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
   SU Coils, SU 9V/9H Type
SU7VC-2120 KEMET-SU7VC-2120 Datasheet
362Kb / 4P
   SU Coils, SU 7VC Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
   SU Coils, SU 16VD High Frequency Type
SU10VD-1020 KEMET-SU10VD-1020 Datasheet
288Kb / 4P
   SU Coils, SU 10VD High Frequency Type
SU9VF-2100 KEMET-SU9VF-2100 Datasheet
306Kb / 4P
   SU Coils, SU 9VF/9HF Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
   SU Coils, SU 10VFC-R Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com