Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT54SX32S-CC256E Datasheet(PDF) 4 Page - Actel Corporation

Part # RT54SX32S-CC256E
Description  RTSX-S RadTolerant FPGAs
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RT54SX32S-CC256E Datasheet(HTML) 4 Page - Actel Corporation

  RT54SX32S-CC256E Datasheet HTML 1Page - Actel Corporation RT54SX32S-CC256E Datasheet HTML 2Page - Actel Corporation RT54SX32S-CC256E Datasheet HTML 3Page - Actel Corporation RT54SX32S-CC256E Datasheet HTML 4Page - Actel Corporation RT54SX32S-CC256E Datasheet HTML 5Page - Actel Corporation RT54SX32S-CC256E Datasheet HTML 6Page - Actel Corporation RT54SX32S-CC256E Datasheet HTML 7Page - Actel Corporation RT54SX32S-CC256E Datasheet HTML 8Page - Actel Corporation RT54SX32S-CC256E Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
RTSX-S RadTolerant FPGAs
iv
v2.2
Actel Extended Flow1
Step
Screen
Method
Requirement
1.
Destructive In-Line Bond Pull3
2011, Condition D
Sample
2.
Internal Visual
2010, Condition A
100%
3.
Serialization
100%
4.
Temperature Cycling
1010, Condition C
100%
5.
Constant Acceleration
2001, Condition B or D, Y1 Orientation Only
100%
6.
Particle Impact Noise Detection
2020, Condition A
100%
7.
Radiographic
2012 (one view only)
100%
8.
Pre-Burn-In Test
In accordance with applicable Actel device specification
100%
9.
Dynamic Burn-In
1015, Condition D, 240 hours at 125°C or 120 hours at
150°C minimum
100%
10.
Interim (Post-Burn-In) Electrical Parameters
In accordance with applicable Actel device specification
100%
11.
Static Burn-In
1015, Condition C, 72 hours at 150°C or 144 hours at
125°C minimum
100%
12.
Interim (Post-Burn-In) Electrical Parameters
In accordance with applicable Actel device specification
100%
13.
Percent Defective Allowable (PDA)
Calculation
5%, 3% Functional Parameters at 25°C
All Lots
14.
Final Electrical Test
a. Static Tests
(1)25°C
(Subgroup 1, Table1)
(2)–55°C and +125°C
(Subgroups 2, 3, Table 1)
b. Functional Tests
(1)25°C
(Subgroup 7, Table 15)
(2)–55°C and +125°C
(Subgroups 8A and B, Table 1)
c. Switching Tests at 25°C
(Subgroup 9, Table 1)
In accordance with Actel applicable device specification
which includes a, b, and c:
5005
5005
5005
5005
5005
100%
100%
100%
100%
15.
Seal
a. Fine
b. Gross
1014
100%
16.
External Visual
2009
100%
Notes:
1. Actel offers Extended Flow for users requiring additional screening beyond MIL-STD-833, Class B requirement. Actel offers this
Extended Flow incorporating the majority of the screening procedures as outlined in Method 5004 of MIL-STD-883, Class S. The
exceptions to Method 5004 are shown in notes 2 and 4 below.
2. MIL-STD-883, Method 5004, requires a 100 percent radiation latch-up testing to Method 1020. Actel will NOT perform any
radiation testing, and this requirement must be waived in its entirety.
3. Method 5004 requires a 100 percent, nondestructive bond-pull to Method 2003. Actel substitutes a destructive bond-pull to
Method 2011 Condition D on a sample basis only.
4. Wafer lot acceptance complies to commercial standards only (requirement per Method 5007 is not performed).


Similar Part No. - RT54SX32S-CC256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RT54SX32-1CG256 ACTEL-RT54SX32-1CG256 Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256B ACTEL-RT54SX32-1CG256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256E ACTEL-RT54SX32-1CG256E Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256M ACTEL-RT54SX32-1CG256M Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
More results

Similar Description - RT54SX32S-CC256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX-S ACTEL-RTAX-S Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
logo
Aeroflex Circuit Techno...
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com