Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTSX32SU-1CC256B Datasheet(PDF) 7 Page - Actel Corporation

Part # RTSX32SU-1CC256B
Description  RTSX-SU RadTolerant FPGAs (UMC)
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTSX32SU-1CC256B Datasheet(HTML) 7 Page - Actel Corporation

Back Button RTSX32SU-1CC256B Datasheet HTML 3Page - Actel Corporation RTSX32SU-1CC256B Datasheet HTML 4Page - Actel Corporation RTSX32SU-1CC256B Datasheet HTML 5Page - Actel Corporation RTSX32SU-1CC256B Datasheet HTML 6Page - Actel Corporation RTSX32SU-1CC256B Datasheet HTML 7Page - Actel Corporation RTSX32SU-1CC256B Datasheet HTML 8Page - Actel Corporation RTSX32SU-1CC256B Datasheet HTML 9Page - Actel Corporation RTSX32SU-1CC256B Datasheet HTML 10Page - Actel Corporation RTSX32SU-1CC256B Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
RTSX-SU RadTolerant FPGAs (UMC)
v2.2
1-1
General Description
RTSX-SU RadTolerant FPGAs are enhanced versions of
Actel’s SX-A family of devices, specifically designed for
enhanced radiation performance.
Featuring SEU-hardened D-type flip-flops that offer the
benefits of Triple Module Redundancy (TMR) without the
associated overhead, the RTSX-SU family is a unique
product offering for space applications. Manufactured
using 0.25 µm technology at the United Microelectronics
Corporation (UMC) facility in Taiwan, RTSX-SU offers
levels of radiation survivability far in excess of typical
CMOS devices.
Device Architecture
Actel's RTSX-SU architecture, derived from the highly
successful SX-A sea-of-modules architecture, has been
designed to improve upset and total-dose performance
in radiation environments.
With three layers of metal interconnect in the RTSX32SU
and four metal layers in RTSX72SU, the RTSX-SU family
provides efficient use of silicon by locating the routing
interconnect resources between the top two metal
layers. This completely eliminates the channels of routing
and interconnect resources between logic modules as
found
in
traditional
FPGAs.
In
a
sea-of-modules
architecture, the entire floor of the FPGA is covered with
a grid of logic modules with virtually no chip area lost to
interconnect elements or routing.
The RTSX-SU architecture adds several enhancements
over the SX-A architecture to improve its performance in
radiation environments, such as SEU-hardened flip-flops,
wider clock lines, and stronger clock drivers.
Programmable Interconnect
Elements
Interconnection between logic modules is achieved using
Actel’s patented metal-to-metal programmable antifuse
interconnect elements. The antifuses are normally open
circuit
and
form
a
permanent,
low-impedance
connection when programmed.
The metal-to-metal antifuse is made up of a combination
of amorphous silicon and dielectric material with barrier
metals and has a programmed (“on” state) resistance of
25
Ω with capacitance of 1.0 fF for low signal impedance
(Figure 1-1 on page 1-2).
These antifuse interconnects reside between the top two
layers of metal and thereby enable the sea-of-modules
architecture in an FPGA.
The extremely small size of these interconnect elements
gives the RTSX-SU family abundant routing resources and
provides excellent protection against design theft. Reverse
engineering is virtually impossible because it is extremely
difficult
to
distinguish
between
programmed
and
unprogrammed antifuses. Additionally, since RTSX-SU is a
nonvolatile, single-chip solution, there is no configuration
bitstream to intercept.
The RTSX-SU interconnect (i.e., the antifuses and metal
tracks) also has lower capacitance and resistance than
that of any other device of similar capacity, leading to
the fastest signal propagation in the industry for the
radiation tolerance offered.
I/O Structure
The RTSX-SU family features a flexible I/O structure that
supports 3.3V LVTTL, 5V TTL, 5V CMOS, and 3.3V and 5V
PCI. All I/O standards are hot-swap compliant, cold-
sparing capable, and 5V tolerant (except for 3.3V PCI).
In addition, each I/O on an RTSX-SU device can be
configured as an input, an output, a tristate output, or a
bidirectional pin. Mixed I/O standards are allowed and
can be set on a pin-by-pin basis. High or low slew rate
can be set on individual output buffers (except for PCI,
which defaults to high slew), as well as the power-up
configuration (either pull-up or pull-down).
Even without the inclusion of dedicated I/O registers,
these I/Os, in combination with array registers, can
achieve clock-to-output-pad timing as fast as 9.5 ns. In
most FPGAs, I/O cells that have embedded latches and
flip-flops require instantiation in HDL code; this is a
design complication not encountered in RTSX-SU FPGAs.
Fast pin-to-pin timing ensures that the device will have
little trouble interfacing with any other device in the
system, which in turn, enables parallel design of system
components and reduces overall design time.


Similar Part No. - RTSX32SU-1CC256B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
More results

Similar Description - RTSX32SU-1CC256B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTAX-S ACTEL-RTAX-S Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Kemet Corporation
SU7VC-02120 KEMET-SU7VC-02120 Datasheet
350Kb / 4P
   SU Coils, SU 7VC Type
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
   SU Coils, SU 9V/9H Type
SU7VC-2120 KEMET-SU7VC-2120 Datasheet
362Kb / 4P
   SU Coils, SU 7VC Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
   SU Coils, SU 16VD High Frequency Type
SU10VD-1020 KEMET-SU10VD-1020 Datasheet
288Kb / 4P
   SU Coils, SU 10VD High Frequency Type
SU9VF-2100 KEMET-SU9VF-2100 Datasheet
306Kb / 4P
   SU Coils, SU 9VF/9HF Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
   SU Coils, SU 10VFC-R Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com