Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT54SX32S-CG256B Datasheet(PDF) 1 Page - Actel Corporation

Part # RT54SX32S-CG256B
Description  RTSX-S RadTolerant FPGAs
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RT54SX32S-CG256B Datasheet(HTML) 1 Page - Actel Corporation

  RT54SX32S-CG256B Datasheet HTML 1Page - Actel Corporation RT54SX32S-CG256B Datasheet HTML 2Page - Actel Corporation RT54SX32S-CG256B Datasheet HTML 3Page - Actel Corporation RT54SX32S-CG256B Datasheet HTML 4Page - Actel Corporation RT54SX32S-CG256B Datasheet HTML 5Page - Actel Corporation RT54SX32S-CG256B Datasheet HTML 6Page - Actel Corporation RT54SX32S-CG256B Datasheet HTML 7Page - Actel Corporation RT54SX32S-CG256B Datasheet HTML 8Page - Actel Corporation RT54SX32S-CG256B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
November 2004
i
© 2004 Actel Corporation
See Actel’s website for the latest version of the datasheet
RTSX-S RadTolerant FPGAs
Designed for Space
SEU-Hardened Registers Eliminate the Need to
Implement Triple-Module Redundancy (TMR)
Immune to Single-Event Upsets (SEU) to LETth
> 40 MeV-cm2/mg,
SEU Rate < 10–10 Upset/Bit-Day in Worst-Case
Geosynchronous Orbit
Up to 100 krad (Si) Total Ionizing Dose (TID)
Parametric Performance Supported with Lot-
Specific Test Data
Single-Event Latch-Up (SEL) Immunity
TM1019.5 Test Data Available
QML Certified Devices
High Performance
230 MHz System Performance
310 MHz Internal Performance
9.5 ns Input Clock to Output Pad
Specifications
0.25 µm Metal-to-Metal Antifuse Process
48,000 to 108,000 Available System Gates
Up to 2,012 SEU-Hardened Flip-Flops
Up to 360 User-Programmable I/O Pins
Features
Very Low Power Consumption (Up to 68 mW at
Standby)
3.3V and 5V Mixed Voltage
Configurable I/O Support for 3.3V/5V PCI, LVTTL,
TTL, and CMOS
5V Input Tolerance and 5V Drive Strength
Slow Slew Rate Option
Configurable Weak Resistor Pull-Up/Down for
Tristated Outputs at Power-Up
Hot-Swap
Compliant
with
Cold-Sparing
Support
Secure Programming Technology Prevents Reverse
Engineering and Design Theft
100% Circuit Resource Utilization with 100% Pin
Locking
Unique In-System Diagnostic and Verification
Capability with Silicon Explorer II
Low-Cost Prototyping Option
Deterministic, User-Controllable Timing
JTAG Boundary Scan Testing in Compliance with
IEEE Standard 1149.1 – Dedicated JTAG Reset
(TRST) Pin
e
u
Table 1 • RTSX-S Product Profile
Device
RT54SX32S
RT54SX72S
Capacity
Typical Gates
System Gates
32,000
48,000
72,000
108,000
Logic Modules
Combinatorial Cells
SEU-Hardened Register Cells (Dedicated Flip-Flops)
2,880
1,800
1,080
6,036
4,024
2,012
Maximum Flip-Flops
1,980
4,024
Maximum User I/Os
227
360
Clocks
33
Quadrant Clocks
04
Speed Grades
Std., –1
Std., –1
Package (by pin count)
CQFP
CCGA
CCLG
208, 256
256
208, 256
624
v2.2


Similar Part No. - RT54SX32S-CG256B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RT54SX32-1CG256 ACTEL-RT54SX32-1CG256 Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256B ACTEL-RT54SX32-1CG256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256E ACTEL-RT54SX32-1CG256E Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CG256M ACTEL-RT54SX32-1CG256M Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
More results

Similar Description - RT54SX32S-CG256B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX72SU-1CQ256B ACTEL-RTSX72SU-1CQ256B Datasheet
767Kb / 83P
   RTSX-SU RadTolerant FPGAs (UMC)
RTAX-S ACTEL-RTAX-S Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
logo
Aeroflex Circuit Techno...
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com