Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD933 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD933
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD933 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD933 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD933 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BD933/935/937/939/941
DESCRIPTION
·DC Current Gain-
: hFE= 40(Min)@ IC= 150mA
·Complement to Type BD934/936/938/940/942
APPLICATIONS
·Designed for use in output stages of audio and television
amplifier circuits where high peak powers can occur.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BD933
45
BD935
60
BD937
100
BD939
120
VCBO
Collector-Base Voltage
BD941
140
V
BD933
45
BD935
60
BD937
80
BD939
100
VCEO
Collector-Emitter Voltage
BD941
120
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
3
A
ICM
Collector Current-Peak
7
A
IB
B
Base Current-Continuous
0.5
A
PC
Collector Power Dissipation
@ TC=25℃
30
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.17
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
70
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BD933

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD933 PHILIPS-BD933 Datasheet
331Kb / 7P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
New Jersey Semi-Conduct...
BD933 NJSEMI-BD933 Datasheet
131Kb / 2P
   Silicon NPN Power Transistor
logo
NXP Semiconductors
BD933F PHILIPS-BD933F Datasheet
289Kb / 6P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
Inchange Semiconductor ...
BD933F ISC-BD933F Datasheet
112Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD933F NJSEMI-BD933F Datasheet
131Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - BD933

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com