Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BPW24R Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BPW24R
Description  Silicon PIN Photodiode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW24R Datasheet(HTML) 1 Page - Vishay Siliconix

  BPW24R Datasheet HTML 1Page - Vishay Siliconix BPW24R Datasheet HTML 2Page - Vishay Siliconix BPW24R Datasheet HTML 3Page - Vishay Siliconix BPW24R Datasheet HTML 4Page - Vishay Siliconix BPW24R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BPW24R
Vishay Telefunken
1 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81520
Silicon PIN Photodiode
Description
BPW24R is a high sensitive silicon planar photodiode
in a standard TO–18 hermetically sealed metal case
with a glass lens.
A precise alignment of the chip gives a good coinci-
dence of mechanical and optical axes. The device
features a low capacitance and high speed even at low
supply voltages.
Features
D Hermetically sealed TO–18 case
D Exact central chip alignment
D Cathode connected to case
D Angle of half sensitivity ϕ = ± 12°
D Extra fast response times at low operating volt-
ages
D High photo sensitivity
D Radiant sensitive area A=0.78 mm2
D Suitable for visible and near infrared radiation
D For photodiode and photovoltaic cell operation
94 8642
Applications
High speed photo detector
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
60
V
Power Dissipation
Tamb x 25 °C
PV
210
mW
Junction Temperature
Tj
125
°C
Operating Temperature Range
Tamb
–55...+125
°C
Storage Temperature Range
Tstg
–55...+125
°C
Soldering Temperature
t
x 5 s
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
350
K/W


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BPV20F Silicon PIN Photodiode 1  2  3  4  5  More Vishay Siliconix
S153P Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix
TESP5700 Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix
PD15-22B 1206 Package Silicon PIN Photodiode 1  2  3  4  5  More Everlight Electronics Co., Ltd
BPV21F Silicon PIN Photodiode 1  2  3  4  5  More Vishay Siliconix
S186P Silicon PIN Photodiode 1  2  3  4  5  More Vishay Siliconix
QSB34 SURFACE MOUNT SILICON PIN PHOTODIODE 1  2  3  4  5  More Fairchild Semiconductor
PD204-6B 3mm Silicon PIN Photodiode T-1 1  2  3  4  5  More Everlight Electronics Co., Ltd
PD204-6C 3mm Silicon PIN Photodiode T-1 1  2  3  4  5  More Everlight Electronics Co., Ltd
BPV22F Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn