Electronic Components Datasheet Search |
|
AGL060V5-FCS144I Datasheet(PDF) 4 Page - Actel Corporation |
|
AGL060V5-FCS144I Datasheet(HTML) 4 Page - Actel Corporation |
4 / 212 page IGLOO Low-Power Flash FPGAs IV v1.3 Temperature Grade Offerings Speed Grade and Temperature Grade Matrix References made to IGLOO devices also apply to ARM-enabled IGLOOe devices. The ARM-enabled part numbers start with M1 (Cortex-M1). Contact your local Actel representative for device availability: http://www.actel.com/contact/default.aspx. AGL015 and AGL030 The AGL015 and AGL030 are architecturally compatible; there are no RAM or PLL features. Package AGL015 AGL030 AGL060 AGL125 AGL250 AGL400 AGL600 AGL1000 M1AGL250 4 M1AGL400 M1AGL600 M1AGL1000 QN48 –C, I– – – – – – QN68 C, I – – – – – – – UC81 –C, I– – – – – – CS81 –C, I– – – – – – CS121 –– C, I – – – – – VQ100 – C, I C, I C, I C, I – – – QN132 –C, I C, I 3 C, I C, I 3 –– – CS196 ––– C, I C, I C, I – – FG144 –– C, I 3 C, I C, I C, I C, I C, I FG256 ––– – – C, I C, I C, I CS281 ––– – – – C, I C, I FG484 ––– – – C, I C, I C, I Notes: 1. C = Commercial temperature range: 0°C to 70°C ambient temperature. 2. I = Industrial temperature range: –40°C to 85°C ambient temperature. 3. Device/package support TBD. 4. The M1AGL250 device does not support FG256 or QN132 packages. Temperature Grade –F 1 Std. C 2 ✓✓ I 3 – ✓ Notes: 1. The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only supported in the commercial temperature range. 2. C = Commercial temperature range: 0°C to 70°C ambient temperature. 3. I = Industrial temperature range: –40°C to 85°C ambient temperature. |
Similar Part No. - AGL060V5-FCS144I |
|
Similar Description - AGL060V5-FCS144I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |