Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BPV20F Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. BPV20F
Description  Silicon PIN Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV20F Datasheet(HTML) 3 Page - Vishay Siliconix

  BPV20F Datasheet HTML 1Page - Vishay Siliconix BPV20F Datasheet HTML 2Page - Vishay Siliconix BPV20F Datasheet HTML 3Page - Vishay Siliconix BPV20F Datasheet HTML 4Page - Vishay Siliconix BPV20F Datasheet HTML 5Page - Vishay Siliconix BPV20F Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BPV20F
Vishay Telefunken
3 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81506
Typical Characteristics (Tamb = 25_C unless otherwise specified)
20
40
60
80
1
10
100
1000
Tamb – Ambient Temperature ( °C )
100
94 8403
VR=10V
Figure 1. Reverse Dark Current vs. Ambient Temperature
020
40
60
80
0.6
0.8
1.0
1.2
1.4
Tamb – Ambient Temperature ( °C )
100
94 8409
VR=5V
l=950nm
Figure 2. Relative Reverse Light Current vs.
Ambient Temperature
0.01
0.1
1
0.1
1
10
100
1000
Ee – Irradiance ( mW / cm2 )
10
94 8404
VR=5V
l=950nm
Figure 3. Reverse Light Current vs. Irradiance
0.1
1
10
1
10
100
VR – Reverse Voltage ( V )
100
94 8410
1 mW/cm2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05 mW/cm2
0.02 mW/cm2
l=950nm
Figure 4. Reverse Light Current vs. Reverse Voltage
0.1
1
10
0
20
40
60
80
VR – Reverse Voltage ( V )
100
94 8407
E=0
f=1MHz
Figure 5. Diode Capacitance vs. Reverse Voltage
750
850
950
1050
0
0.2
0.4
0.6
0.8
1.2
l – Wavelength ( nm )
1150
94 8408
1.0
Figure 6. Relative Spectral Sensitivity vs. Wavelength


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BPV21FSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
S153PSilicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
TESP5700Silicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
PD15-22B1206 Package Silicon PIN Photodiode 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
BPV22FSilicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
S186PSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
QSB34SURFACE MOUNT SILICON PIN PHOTODIODE 1 2 3 4 5 MoreFairchild Semiconductor
PD204-6B3mm Silicon PIN Photodiode T-1 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
PD204-6C3mm Silicon PIN Photodiode T-1 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
BPV22NFSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn