Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BPV20F Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BPV20F
Description  Silicon PIN Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV20F Datasheet(HTML) 1 Page - Vishay Siliconix

  BPV20F Datasheet HTML 1Page - Vishay Siliconix BPV20F Datasheet HTML 2Page - Vishay Siliconix BPV20F Datasheet HTML 3Page - Vishay Siliconix BPV20F Datasheet HTML 4Page - Vishay Siliconix BPV20F Datasheet HTML 5Page - Vishay Siliconix BPV20F Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BPV20F
Vishay Telefunken
1 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81506
Silicon PIN Photodiode
Description
BPV20F is a high speed and high sensitive PIN photo-
diode in a plastic package with a cylindrical side view
lens. The epoxy package itself is an IR filter, spectrally
matched to GaAs or GaAs/GaAlAs IR emitters
(
l p=950nm).
Lens radius and chip position are perfectly matched to
the chip size, giving high sensitivity without compro-
mising the viewing angle.
In comparison with flat packages the cylindrical lens
package achieves a sensitivity improvement of 20 %.
Features
D Large radiant sensitive area (A=7.5 mm2)
D Wide viewing angle ϕ = ± 65 °
D Improved sensitivity
D Fast response times
D TO–92 plastic package with IR filter
D Filter designed for 950 nm transmission
Applications
Infrared remote control and free air transmission systems in combination with IR emitter diodes (TSU...– or
TSI...–Series).
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
60
V
Power Dissipation
Tamb x 25 °C
PV
215
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
–55...+100
°C
Storage Temperature Range
Tstg
–55...+100
°C
Soldering Temperature
t
x 5 s
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
350
K/W


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BPV21FSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
S153PSilicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
TESP5700Silicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
PD15-22B1206 Package Silicon PIN Photodiode 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
BPV22FSilicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
S186PSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix
QSB34SURFACE MOUNT SILICON PIN PHOTODIODE 1 2 3 4 5 MoreFairchild Semiconductor
PD204-6B3mm Silicon PIN Photodiode T-1 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
PD204-6C3mm Silicon PIN Photodiode T-1 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
BPV22NFSilicon PIN Photodiode 1 2 3 4 5 MoreVishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn