Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1064MJ Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1064MJ
Description  Low Noise, Fast, Quad Universal Filter Building Block
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064MJ Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1064MJ Datasheet HTML 4Page - Linear Technology LTC1064MJ Datasheet HTML 5Page - Linear Technology LTC1064MJ Datasheet HTML 6Page - Linear Technology LTC1064MJ Datasheet HTML 7Page - Linear Technology LTC1064MJ Datasheet HTML 8Page - Linear Technology LTC1064MJ Datasheet HTML 9Page - Linear Technology LTC1064MJ Datasheet HTML 10Page - Linear Technology LTC1064MJ Datasheet HTML 11Page - Linear Technology LTC1064MJ Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC1064
8
1064fb
+
LP
1064 F05
+ Σ
AGND
1/4 LTC1064
NS
R1
R2
VIN
R3
fO =
; fn = fO; HOLP = –
; HOBP = –
; HON1 = –
; Q =
fCLK
100(50)
R2
R1
R3
R1
R3
R2
R2
R1
BP
C2
0.1
µF
C1
0.1
µF
R1
1M
R2
1M
1064 F04
TO FILTER
FIRST SUMMING
NODE
C1 = C2 = LOW LEAKAGE FILM
(I.E., POLYPROPYLENE)
R1 = R2 = METAL FILM 1%
FROM
FILTER OUTPUT
R3
100k
+
LT1012
7
19
R21
R11
R31
4
7
LTC1064
0.1
µF
1
µF
VOUT
1064 F03
10k
R32
R22
R12
0.1
µF
V+ TRACE FOR FILTER
0.1
µF
VIN
+
10k
LT
®318
LT1007
LT1056
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
SEPARATE V+ POWER SUPPLY TRACE FOR BUFFER
1
µF
0.1
µF
+
APPLICATIONS INFORMATION
Offset Nulling
Lowpass filters may have too much DC offset for some
users. A servo circuit may be used to actively null the
offsets of the LTC1064 or any LTC switched-capacitor
filter. The circuit shown in Figure 4 will null offsets to better
than 300
µV. This circuit takes seconds to settle because of
the integrator pole frequency.
Noise
All the noise performance mentioned excludes the clock
feedthrough. Noise measurements will degrade if the
already described grounding bypassing and buffering
techniques are not practiced. The graph Wideband Noise
vs Q in the Typical Performance Characteristics section is
a very good representation of the noise performance of
this device.
Figure 3. Buffering the Output of a 4th Order Bandpass Realization
Figure 4. Servo Amplifier
PRIMARY MODES
Mode 1
In Mode 1, the ratio of the external clock frequency to the
center frequency of each 2nd order section is internally
fixed at 50:1 or 100:1. Figure 5 illustrates Mode 1 provid-
ing 2nd order notch, lowpass and bandpass outputs.
Mode 1 can be used to make high order Butterworth
lowpass filters; it can also be used to make low Q notches
and for cascading 2nd order bandpass functions tuned at
the same center frequency with unity gain. Mode 1 is faster
than Mode 3. Note that Mode 1 can only be implemented
with three of the four LTC1064 sections because Section
D has no externally available summing node. Section D,
however, can be internally connected in Mode 1 upon
special request.
ODES OF OPERATIO
Figure 5. Mode 1: 2nd Order Filter Providing Notch,
Bandpass and Lowpass


Similar Part No. - LTC1064MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064MJ LINER-LTC1064MJ Datasheet
389Kb / 16P
   Low Noise, Fast, Quad Universal Filter Building Block
More results

Similar Description - LTC1064MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
   Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
   Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com