Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1064-7 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1064-7
Description  Linear Phase, 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-7 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1064-7 Datasheet HTML 7Page - Linear Technology LTC1064-7 Datasheet HTML 8Page - Linear Technology LTC1064-7 Datasheet HTML 9Page - Linear Technology LTC1064-7 Datasheet HTML 10Page - Linear Technology LTC1064-7 Datasheet HTML 11Page - Linear Technology LTC1064-7 Datasheet HTML 12Page - Linear Technology LTC1064-7 Datasheet HTML 13Page - Linear Technology LTC1064-7 Datasheet HTML 14Page - Linear Technology LTC1064-7 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1064-7
10647fb
PI FU CTIO S
External Connection Pins (7, 14)
Pins 7 and 14 should be connected together. In a printed
circuit board the connection should be done under the IC
package through a short trace surrounded by the analog
ground plane.
NC Pins (1, 5, 8, 13)
Pins 1, 5, 8 and 13 are not connected to any internal circuit
point on the device and should preferably be tied to analog
ground.
Figure 4. Buffer for Filter Output
1k
1064-7 F04
LT1220
with a 0.1
µF capacitor. If the DC level at Pin 10 is switched
mechanically or electrically at slew rates greater than
1V/
µs while the device is operating, a 10k resistor should
be connected between Pin 10 and the DC source.
Filter Input Pin (2)
The input pin is connected internally through a 40k resis-
tor tied to the inverting input of an op amp.
Filter Output Pins (9, 6)
Pin 9 is the specified output of the filter; it can typically
source 3mA and sink 1mA. Driving coaxial cables or
resistive loads less than 20k will degrade the total har-
monic distortion of the filter. When evaluating the device’s
distortion an output buffer is required. A noninverting
buffer, Figure 4, can be used provided that its input
common mode range is well within the filter’s output
swing. Pin 6 is an intermediate filter output providing an
unspecified 6th order lowpass filter. Pin 6 should not be
loaded.
Clock Feedthrough
Clock feedthrough is defined as the RMS value of the clock
frequency and its harmonics that are present at the filter’s
output pin (9). The clock feedthrough is tested with the
input pin (2) grounded and it depends on PC board layout
and on the value of the power supplies. With proper layout
techniques the values of the clock feedthrough are shown
in Table 8.
Table 8. Clock Feedthrough
VS
50:1
100:1
Single 5V
90
µVRMS
100
µVRMS
±5V
100
µVRMS
300
µVRMS
±7.5V
120
µVRMS
650
µVRMS
Note: The clock feedthrough at single 5V is imbedded in the
wideband noise of the filter. Clock waveform is a square wave.
amplitude strongly depends on scope probing techniques
as well as grounding and power supply bypassing. The
clock feedthrough, if bothersome, can be greatly reduced
by adding a simple R/C lowpass network at the output of
the filter pin (9). This R/C will completely eliminate any
switching transients.
Wideband Noise
The wideband noise of the filter is the total RMS value of
the device’s noise spectral density and it is used to
determine the operating signal-to-noise ratio. Most of its
frequency contents lie within the filter passband and it
cannot be reduced with post filtering. For instance, the
LTC1064-7 wideband noise at
±5V supply is 105µVRMS,
95
µVRMS of which have frequency contents from DC up to
the filter’s cutoff frequency. The total wideband noise
(
µVRMS) is nearly independent of the value of the clock.
The clock feedthrough specifications are not part of the
wideband noise.
Any parasitic switching transients during the rise and fall
edges of the incoming clock are not part of the clock
feedthrough specifications. Switching transients have fre-
quency contents much higher than the applied clock; their
S
APPLICATI
I FOR ATIO


Similar Part No. - LTC1064-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-7C LINER-LTC1064-7C Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-7CJ LINER-LTC1064-7CJ Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-7CN LINER-LTC1064-7CN Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-7CS LINER-LTC1064-7CS Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
More results

Similar Description - LTC1064-7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com