Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1064-3 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1064-3
Description  Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1064-3_09 Datasheet HTML 4Page - Linear Technology LTC1064-3_09 Datasheet HTML 5Page - Linear Technology LTC1064-3_09 Datasheet HTML 6Page - Linear Technology LTC1064-3_09 Datasheet HTML 7Page - Linear Technology LTC1064-3_09 Datasheet HTML 8Page - Linear Technology LTC1064-3_09 Datasheet HTML 9Page - Linear Technology LTC1064-3_09 Datasheet HTML 10Page - Linear Technology LTC1064-3_09 Datasheet HTML 11Page - Linear Technology LTC1064-3_09 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC1064-3
10
10643fa
N Package
14-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
PACKAGE DESCRIPTIO
N14 1002
.020
(0.508)
MIN
.120
(3.048)
MIN
.130 ± .005
(3.302 ± 0.127)
.045 – .065
(1.143 – 1.651)
.065
(1.651)
TYP
.018 ± .003
(0.457 ± 0.076)
.005
(0.125)
MIN
.255 ± .015*
(6.477 ± 0.381)
.770*
(19.558)
MAX
3
1
2
4
5
6
7
8
9
10
11
12
13
14
.008 – .015
(0.203 – 0.381)
.300 – .325
(7.620 – 8.255)
.325
+.035
–.015
+0.889
–0.381
8.255
()
NOTE:
1. DIMENSIONS ARE
INCHES
MILLIMETERS
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCH (0.254mm)
.100
(2.54)
BSC


Similar Part No. - LTC1064-3_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-3C LINER-LTC1064-3C Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-3CJ LINER-LTC1064-3CJ Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-3CN LINER-LTC1064-3CN Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-3CS LINER-LTC1064-3CS Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
More results

Similar Description - LTC1064-3_09

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
LTC1064-3 LINER-LTC1064-3_15 Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com