Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1043 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1043
Description  Dual Precision Instrumentation Switched Capacitor Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1043_09 Datasheet HTML 6Page - Linear Technology LTC1043_09 Datasheet HTML 7Page - Linear Technology LTC1043_09 Datasheet HTML 8Page - Linear Technology LTC1043_09 Datasheet HTML 9Page - Linear Technology LTC1043_09 Datasheet HTML 10Page - Linear Technology LTC1043_09 Datasheet HTML 11Page - Linear Technology LTC1043_09 Datasheet HTML 12Page - Linear Technology LTC1043_09 Datasheet HTML 13Page - Linear Technology LTC1043_09 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1043
10
1043fa
Single 5V Supply, Ultra Precision
Instrumentation Amplifier
Precision Instrumentation Amplifier
Voltage Controlled Current Source with
Ground Referred Input and Output
LTC1043 • A10
0.0047
INPUT AND OUTPUT VOLTAGE RANGE INCLUDES GROUND.
INPUT REFERRED OFFSET ERRORS ARE TYPICALLY 3µV WITH
1µV OF NOISE
CMRR ~ 120dB
12
11
7
13
INPUT
OUTPUT
AV = 1000
10k
1µF1µF
100Ω
43k
0.1µF0.1µF
4
1
8
6
7
5V
3
2
LTC1043
14
16
4
3
2
1µF
1µF
NONPOLARIZED
5
15
1N914
5V
0.22µF
99.9k
6
18
8
+
V+ = 5V
+
17
≈ –0.5V
~
LTC1052
LTC1043 • A11
8
14
1µF
100Ω
VIN
100Ω
INPUT
0V TO 2V
1OUT =
1/2 LTC1043
13
16
12
11
7
1k
4
1
8
5V
2
3
1µF
0.001µF
OPERATES FROM A SINGLE 5V SUPPLY
0.68µF
5V
4
+
17
1/2 LT1013
LTC1043 • A12
0.01µF
3
2
4
6
1µF
1µF
1µF
1M
CHOPPER
AC AMPLIFIER
PHASE
SENSITIVE
DEMODULATOR
DC
OUTPUT AMPLIFIER
1µF
100k
100k
100Ω
100k
OUTPUT
0.01
R2
100k
R1
100Ω
+ INPUT
– INPUT
1/2 LTC1043
5
15
16
5V
1µF
5V
–5V
2
3
4
7
6
13
5V
–5V
3
2
4
7
6
1/4 LTC1043
1/4 LTC1043
8
7
11
OFFSET = 10µV
DRIFT = 0.1µV/°C
FULL DIFFERENTIAL INPUT
CMRR = 140dB
OPEN LOOP GAIN > 108
GAIN = R2/R1 + 1
IBIAS = 1nA
18
17
+
LT1056
+
LT1056
12
14
–5V
TYPICAL APPLICATIO S


Similar Part No. - LTC1043_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1043C LINER-LTC1043C Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CN LINER-LTC1043CN Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CS LINER-LTC1043CS Datasheet
126Kb / 2P
   Dual Precision Intrumentation Switched-Capacitor Building Block?
LTC1043M LINER-LTC1043M Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043MD LINER-LTC1043MD Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
More results

Similar Description - LTC1043_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1043 LINER-LT1043 Datasheet
1Mb / 16P
   DUAL PRECISION INSTRUMENTATION SWITCHED CAPACITOR BUILDING BLOCK
LTC1043 LINER-LTC1043_15 Datasheet
240Kb / 16P
   Dual Precision Instrumentation Switched Capacitor Building Block
LTC6943 LINER-LTC6943_15 Datasheet
249Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC6943 LINER-LTC6943 Datasheet
243Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC1043 LINER-LTC1043 Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CS LINER-LTC1043CS Datasheet
126Kb / 2P
   Dual Precision Intrumentation Switched-Capacitor Building Block?
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com