Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1043 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1043
Description  Dual Precision Instrumentation Switched Capacitor Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1043_09 Datasheet HTML 4Page - Linear Technology LTC1043_09 Datasheet HTML 5Page - Linear Technology LTC1043_09 Datasheet HTML 6Page - Linear Technology LTC1043_09 Datasheet HTML 7Page - Linear Technology LTC1043_09 Datasheet HTML 8Page - Linear Technology LTC1043_09 Datasheet HTML 9Page - Linear Technology LTC1043_09 Datasheet HTML 10Page - Linear Technology LTC1043_09 Datasheet HTML 11Page - Linear Technology LTC1043_09 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1043
8
1043fa
Divide by 2
Ultra Precision Voltage Inverter
Multiply by 2
Precision Multiply by 3
Divide by 3
Precision Multiply by 4
LTC1043 • A01
0.01µF
VOUT = VIN/2 ± 1ppm
0 ≤ VIN ≤ V
+
3 ≤ V+ ≤ 18V
12
11
7
13
VOUT = VIN/2
1µF
1µF
VIN
1/2 LTC1043
8
14
16
17
LTC1043 • A02
0.01µF
VOUT = 2VIN ± 5ppm
0 ≤ VIN ≤ V
+ /2
3 ≤ V
+ ≤ 18V
12
11
7
13
VIN
1µF
1µF
VOUT
1/2 LTC1043
8
14
16
17
LTC1043 * A03
0.01µF
VOUT = –VIN ±2ppm
V< VIN < V
+
V+ = +5V, V= –5V
12
11
7
13
VIN
1µF
1µF
VOUT = –VIN
1/2 LTC1043
8
14
16
17
LTC1043 • A04
0.01µF
VOUT = 3VIN ±10ppm
0 < VIN < V
+/3
3V < V+ < 18V
12
11
7
13
VIN
VOUT
1µF
1µF
LTC1043
8
14
16
17
3
2
1µF
5
15
1µF
6
18
LTC1043 • A05
0.01µF
VOUT = 4VIN ±40ppm
0 ≤ VIN ≤ V
+/4
3V < V+ < 18V
12
11
13
VIN
2VIN
VOUT = 4VIN
1µF
1µF
LTC1043
8
14
16
3
2
1µF
5
15
1µF
6
18
7
17
LTC1043 • A06
0.01µF
VOUT = VIN/3 ±3ppm
0 ≤ VIN ≤ V
+
12
11
7
13
VIN
VOUT
VOUT
1µF
LTC1043
14
16
17
3
2
1µF
5
15
1µF
1µF
6
18
8
TYPICAL APPLICATIO S


Similar Part No. - LTC1043_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1043C LINER-LTC1043C Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CN LINER-LTC1043CN Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CS LINER-LTC1043CS Datasheet
126Kb / 2P
   Dual Precision Intrumentation Switched-Capacitor Building Block?
LTC1043M LINER-LTC1043M Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043MD LINER-LTC1043MD Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
More results

Similar Description - LTC1043_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1043 LINER-LT1043 Datasheet
1Mb / 16P
   DUAL PRECISION INSTRUMENTATION SWITCHED CAPACITOR BUILDING BLOCK
LTC1043 LINER-LTC1043_15 Datasheet
240Kb / 16P
   Dual Precision Instrumentation Switched Capacitor Building Block
LTC6943 LINER-LTC6943_15 Datasheet
249Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC6943 LINER-LTC6943 Datasheet
243Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC1043 LINER-LTC1043 Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CS LINER-LTC1043CS Datasheet
126Kb / 2P
   Dual Precision Intrumentation Switched-Capacitor Building Block?
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com