Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC695CN-3.3 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC695CN-3.3
Description  3.3V Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC695CN-3.3 Datasheet(HTML) 5 Page - Linear Technology

  LTC695CN-3.3 Datasheet HTML 1Page - Linear Technology LTC695CN-3.3 Datasheet HTML 2Page - Linear Technology LTC695CN-3.3 Datasheet HTML 3Page - Linear Technology LTC695CN-3.3 Datasheet HTML 4Page - Linear Technology LTC695CN-3.3 Datasheet HTML 5Page - Linear Technology LTC695CN-3.3 Datasheet HTML 6Page - Linear Technology LTC695CN-3.3 Datasheet HTML 7Page - Linear Technology LTC695CN-3.3 Datasheet HTML 8Page - Linear Technology LTC695CN-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC694-3.3/LTC695-3.3
Output Voltage vs Load Current
Power Failure Input Threshold
vs Temperature
Output Voltage vs Load Current
Reset Voltage Threshold vs
Temperature
Reset Active Time vs
Temperature
LOAD CURRENT (mA)
0
3.30
3.25
3.20
3.15
3.10
3.05
3.00
40
694/5-3.3 G01
10
20
30
50
SLOPE = 4.6
VCC = 3.3V
VBATT = 2.4V
TA = 25°C
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LOAD CURRENT (
µA)
0
400
694/5-3.3 G02
100
200
300
500
2.40
2.39
2.38
2.37
2.36
2.35
VCC = 0V
VBATT = 2.4V
TA = 25°C
SLOPE = 90
TEMPERATURE (
°C)
–50
1.310
1.308
1.306
1.304
1.302
1.300
1.298
1.296
1.294
25
75
694/5-3.3 G03
–25
0
50
100
125
VCC = 3.3V
TIME (
µs)
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4
694/5-3.3 G04
12
3
5
1.305V
1.285V
8
7
6
VCC = 3.3V
TA = 25°C
VPFI = 20mV STEP
9
+
VPFI
1.3V
30pF
PFO
TIME (
µs)
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4
694/5-3.3 G06
2
6
1.315V
1.295V
12
10
8
VPFI = 20mV STEP
18
16
14
VCC = 3.3V
TA = 25°C
+
VPFI
1.3V
30pF
10k
3.3V
PFO
TEMPERATURE (
°C)
–50
25
75
694/5-3.3 G07
–25
0
50
100
125
220
210
200
190
180
170
160
150
VCC = 3.3V
TEMPERATURE (
°C)
–50
2.90
2.89
2.88
2.87
2.86
2.85
2.84
25
75
694/5-3.3 G08
–25
0
50
100
125
VCC = 3.3V
SUPPLY VOLTAGE (V)
0
3
4
5
4
2
1
0
1
2
3
5
694/5-3.3 TA02
RESET Output Voltage vs
Supply Voltage
Power-Fail Comparator
Response Time
TIME (
µs)
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
40
694/5-3.3 G05
20
60
1.315V
1.295V
120
100
80
VPFI = 20mV STEP
180
160
140
VCC = 3.3V
TA = 25°C
+
VPFI
1.3V
30pF
PFO
Power-Fail Comparator
Response Time
Power-Fail Comparator
Response Time with Pull-Up
Resistor


Similar Part No. - LTC695CN-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695CN-PBF LINER-LTC695CN-PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC695CN-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com