Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC694IN8-3.3 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC694IN8-3.3
Description  3.3V Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC694IN8-3.3 Datasheet(HTML) 3 Page - Linear Technology

  LTC694IN8-3.3 Datasheet HTML 1Page - Linear Technology LTC694IN8-3.3 Datasheet HTML 2Page - Linear Technology LTC694IN8-3.3 Datasheet HTML 3Page - Linear Technology LTC694IN8-3.3 Datasheet HTML 4Page - Linear Technology LTC694IN8-3.3 Datasheet HTML 5Page - Linear Technology LTC694IN8-3.3 Datasheet HTML 6Page - Linear Technology LTC694IN8-3.3 Datasheet HTML 7Page - Linear Technology LTC694IN8-3.3 Datasheet HTML 8Page - Linear Technology LTC694IN8-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC694-3.3/LTC695-3.3
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 3.3V, VBATT = 2V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Back-Up Switching
Operating Voltage Range
VCC
q
3.0
5.50
V
VBATT
q
1.5
2.75
V
VOUT Output Voltage
IOUT = 1mA
VCC – 0.1
VCC – 0.01
V
q
VCC – 0.2
VCC – 0.01
V
IOUT = 50mA
q
VCC – 0.8
VCC – 0.4
V
VOUT in Battery Back-Up Mode
IOUT = 250µA, VCC < VBATT
q
VBATT – 0.1
VBATT – 0.02
V
Supply Current (Exclude IOUT)IOUT ≤ 50mA, VCC = 3.6V
0.2
0.6
mA
q
0.2
1.0
mA
Supply Current in Battery Back-Up Mode
VCC = 0V, VBATT = 2V
0.04
1
µA
q
0.04
5
µA
Battery Standby Current (+ = Discharge, – = Charge)
3.6V > VCC > VBATT + 0.2V
– 0.02
0.02
µA
q
– 0.10
0.10
µA
Battery Switchover Threshold (VCC – VBATT)
Power Up
70
mV
Power Down
50
mV
Battery Switchover Hysteresis
20
mV
BATT ON Output Voltage (Note 4)
ISINK = 800µA
q
0.3
V
BATT ON Output Short-Circuit Current (Note 4)
BATT ON = VOUT, Sink Current
25
mA
BATT ON = 0V, Source Current
q
0.5
1
25
µA
Reset and Watchdog Timer
Reset Voltage Threshold
q
2.8
2.9
3.0
V
Reset Threshold Hysteresis
40
mV
Reset Active Time
OSC SEL HIGH, VCC = 3V
160
200
240
ms
q
140
200
280
ms
Watchdog Time-Out Period, Internal Oscillator
Long Period, VCC = 3V
1.2
1.6
2.0
sec
q
1.0
1.6
2.25
sec
Short Period, VCC = 3V
80
100
120
ms
q
70
100
140
ms
Watchdog Time-Out Period, External Clock (Note 5)
Long Period, VCC = 3V
q
4032
4097
Clock
Short Period, VCC = 3V
q
960
1025
Cycles
Reset Active Time PSRR
4ms/V
Watchdog Time-Out Period PSRR, Internal OSC
Short Period
2
ms/V
Long Period
32
ms/V
Minimum WDI Input Pulse Width
VIL = 0.4V, VIH = 3V
q
200
ns
RESET Output Voltage at VCC = 1V
ISINK = 10µA, VCC = 1V
q
4
200
mV
RESET and LOW LINE Output Voltage (Note 4)
ISINK = 400µA, VCC = 2.8V
q
0.3
V
ISOURCE = 0.1µA, VCC = 3V
q
2.3
V
RESET and WDO Output Voltage (Note 4)
ISINK = 400µA, VCC = 3V
q
0.3
V
ISOURCE = 0.1µA, VCC = 2.8V
q
2.3
V
RESET, RESET, WDO, LOW LINE
Output Source Current
q
13
25
µA
Output Short-Circuit Current (Note 4)
Output Sink Current
9
mA


Similar Part No. - LTC694IN8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC694IN8-PBF LINER-LTC694IN8-PBF Datasheet
223Kb / 18P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC694IN8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com