Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8410IDC-1-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT8410IDC-1-TRPBF
Description  Ultralow Power Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8410IDC-1-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT8410IDC-1-TRPBF Datasheet HTML 6Page - Linear Technology LT8410IDC-1-TRPBF Datasheet HTML 7Page - Linear Technology LT8410IDC-1-TRPBF Datasheet HTML 8Page - Linear Technology LT8410IDC-1-TRPBF Datasheet HTML 9Page - Linear Technology LT8410IDC-1-TRPBF Datasheet HTML 10Page - Linear Technology LT8410IDC-1-TRPBF Datasheet HTML 11Page - Linear Technology LT8410IDC-1-TRPBF Datasheet HTML 12Page - Linear Technology LT8410IDC-1-TRPBF Datasheet HTML 13Page - Linear Technology LT8410IDC-1-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT8410/LT8410-1
10
84101f
APPLICATIONS INFORMATION
Step 4. Calculate the nominal output current:
IOUT(NOM) =
IIN(AVG) • VIN • 0.7
VOUT
mA
Step 5. Derate output current:
IOUT = IOUT(NOM) • 0.8
For low output voltages the output current capability will
be increased. When using output disconnect (load current
taken from VOUT), these higher currents will cause the
drop in the PMOS switch to be higher resulting in lower
output current capability than predicted by the preceding
equations.
Inrush Current
When VCC is stepped from ground to the operating voltage
while the output capacitor is discharged, a high level of
inrush current may flow through the inductor and Schottky
diode into the output capacitor. Conditions that increase
inrush current include a larger more abrupt voltage step
at VCC, a larger output capacitor tied to the CAP pin and
an inductor with a low saturation current. While the chip is
designed to handle such events, the inrush current should
not be allowed to exceed 0.3A. For circuits that use output
capacitor values within the recommended range and have
input voltages of less than 6V, inrush current remains low,
posing no hazard to the device. In cases where there are
large steps at VCC (more than 6V) and/or a large capacitor
is used at the CAP pin, inrush current should be measured
to ensure safe operation.
Soft-Start
The LT8410 series contains a soft-start circuit to limit peak
switch currents during start-up. High start-up current
is inherent in switching regulators in general since the
feedback loop is saturated due to VOUT being far from
its final value. The regulator tries to charge the output
capacitor as quickly as possible, which results in large
peak current.
When the FBP pin voltage is generated by a resistor divider
from the VREF pin, the start-up current can be limited by
connecting an external capacitor (typically 47nF to 220nF)
to the VREF pin. When the part is brought out of shutdown,
this capacitor is first discharged for about 70μs (providing
protection against pin glitches and slow ramping), then
an internal 10μA current source pulls the VREF pin slowly
to 1.235V. Since the VOUT voltage is set by the FBP pin
voltage, the VOUT voltage will also slowly increase to the
regulated voltage, which results in lower peak inductor
current. The voltage ramp rate on the pin can be set by
the value of the VREF pin capacitor.
Output Disconnect
The LT8410 series has an output disconnect PMOS that
blocks the load from the input during shutdown. The
maximum current through the PMOS is limited by circuitry
inside the chip, helping the chip survive output shorts.
SHDN Pin Comparator and Hysteresis Current
An internal comparator compares the SHDN pin voltage
with an internal voltage reference (1.3V) which gives a
precise turn-on voltage level. The internal hysteresis of this
turn-on voltage is about 60mV. When the chip is turned on,
and the SHDN pin voltage is close to this turn-on voltage,
0.1μA current flows out of the SHDN pin. This current is
called SHDN pin hysteresis current, and will go away when
the chip is off. By connecting the external resistors as in
Figure 2, a user-programmable enable voltage function
can be realized.
The turn-on voltage for the configuration is:
1.30 • (1 + R1/R2)
and the turn-off voltage is:
(1.24 – R3 • 10
–7) • (1 + R1/R2) – (R1 • 10–7)
where R1, R2 and R3 are resistance value in Ω.
R1
ENABLE VOLTAGE
R2
R3
CONNECT TO
SHDN PIN
Figure 2. Programming Enable Voltage by Using External Resistors


Similar Part No. - LT8410IDC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8410 LINER-LT8410 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LT8410 LINER-LT8410 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LT8410 LINER-LT8410 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
LT8410 LINER-LT8410 Datasheet
319Kb / 16P
   Ultralow Power Boost Converter with Output Disconnect
LT8410-1 LINER-LT8410-1 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
More results

Similar Description - LT8410IDC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8410 LINER-LT8410_15 Datasheet
319Kb / 16P
   Ultralow Power Boost Converter with Output Disconnect
LT8410-1 LINER-LT8410-1_15 Datasheet
319Kb / 16P
   Ultralow Power Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
   1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com