Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6700HVHS6-1-TRMPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT6700HVHS6-1-TRMPBF
Description  Micropower, Low Voltage, Dual Comparator with 400mV Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6700HVHS6-1-TRMPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6700HVHS6-1-TRMPBF Datasheet HTML 9Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 10Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 11Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 12Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 13Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 14Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 15Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 16Page - Linear Technology LT6700HVHS6-1-TRMPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT6700-1/LT6700-2/LT6700-3/
LT6700HV-1/LT6700HV-2/
LT6700HV-3
13
6700123ff
TYPICAL PERFORMANCE CHARACTERISTICS
Output Saturation Voltage
vs Output Sink Current
Output Saturation Voltage
vs Output Sink Current
Output Saturation Voltage
vs Output Sink Current
Output Short-Circuit Current
Output Short-Circuit Current
Output Leakage Current
Propagation Delay
vs Input Overdrive
Rise and Fall Times
vs Output Pull-Up Resistor
Noninverting and Inverting
Comparator Propagation Delay
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
6700123 G19
1
0.01
1000
100
TA = –40°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
6700123 G20
1
0.01
1000
100
TA = 25°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
6700123 G21
1
0.01
1000
100
TA = 85°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT VOLTAGE (V)
0
40
50
60
6700123 G22
30
20
24
16
14
18
6
810
12
10
80
70
0
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 5V
OUTPUT VOLTAGE (V)
0
40
50
60
6700123 G23
30
20
24
16
14
18
6
810
12
10
80
70
0
TA = 25°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT VOLTAGE (V)
0.01
0.1
1
10
0
8
10
12
14
16
0.001
246
18
6700123 G24
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 5V
INPUT OVERDRIVE (mV)
0
30
40
50
60
80
6700123 G25
20
10
0
20
40
60
100
LH NONINV
HL NONINV
LH INV
HL INV
TA = 25°C
OUTPUT PULL-UP RESISTOR (kΩ)
0.1
0.01
1
100
1
10
100
1000
6700123 G26
0.1
10
VS = 5V
CL = 20pF
TA = 25°C
RISE
FALL
6700123 G27
VO(NINV)
5V/DIV
DC
VO(INV)
5V/DIV
DC
VIN
10mV/DIV
AC
20μs/DIV
VS = 15V
TA = 25°C
RLOAD = 10k CONNNECTED TO VS
VIN(OVERDRIVE) = 10mV OVER THE INPUT
VOLTAGE THRESHOLDS


Similar Part No. - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700HVHS6-1-TRMPBF LINER-LT6700HVHS6-1-TRMPBF Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results

Similar Description - LT6700HVHS6-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com