Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX256-FCSG100A Datasheet(PDF) 10 Page - Actel Corporation

Part # EX256-FCSG100A
Description  eX Family FPGAs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX256-FCSG100A Datasheet(HTML) 10 Page - Actel Corporation

Back Button EX256-FCSG100A Datasheet HTML 6Page - Actel Corporation EX256-FCSG100A Datasheet HTML 7Page - Actel Corporation EX256-FCSG100A Datasheet HTML 8Page - Actel Corporation EX256-FCSG100A Datasheet HTML 9Page - Actel Corporation EX256-FCSG100A Datasheet HTML 10Page - Actel Corporation EX256-FCSG100A Datasheet HTML 11Page - Actel Corporation EX256-FCSG100A Datasheet HTML 12Page - Actel Corporation EX256-FCSG100A Datasheet HTML 13Page - Actel Corporation EX256-FCSG100A Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
eX Family FPGAs
1- 6
v4.3
Hot Swapping
eX I/Os are configured to be hot-swappable. During
power-up/down (or partial up/down), all I/Os are
tristated, provided VCCA ramps up within a diode drop of
VCCI. VCCA and VCCI do not have to be stable during
power-up/down, and they do not require a specific
power-up or power-down sequence in order to avoid
damage to the eX devices. In addition, all outputs can be
programmed to have a weak resistor pull-up or pull-
down for output tristate at power-up. After the eX
device is plugged into an electrically active system, the
device will not degrade the reliability of or cause
damage to the host system. The device's output pins are
driven to a high impedance state until normal chip
operating conditions are reached. Please see the
application note, Actel SX-A and RT54SX-S Devices in
Hot-Swap and Cold-Sparing Applications, which also
applies to the eX devices, for more information on hot
swapping.
Power Requirements
Power consumption is extremely low for the eX family
due to the low capacitance of the antifuse interconnects.
The antifuse architecture does not require active circuitry
to hold a charge (as do SRAM or EPROM), making it the
lowest-power FPGA architecture available today.
Low Power Mode
The eX family has been designed with a Low Power
Mode. This feature, activated with setting the special LP
pin to HIGH for a period longer than 800 ns, is
particularly useful for battery-operated systems where
battery life is a primary concern. In this mode, the core of
the device is turned off and the device consumes minimal
power with low standby current. In addition, all input
buffers are turned off, and all outputs and bidirectional
buffers are tristated when the device enters this mode.
Since the core of the device is turned off, the states of
the registers are lost. The device must be re-initialized
when returning to normal operating mode. I/Os can be
driven during LP mode. For details, refer to the Design
for Low Power in Actel Antifuse FPGAs application note
under the section Using the LP Mode Pin on eX Devices.
Clock pins should be driven either HIGH or LOW and
should not float; otherwise, they will draw current and
burn power. The device must be re-initialized when
exiting LP mode. To exit the LP mode, the LP pin must be
driven LOW for over 200µs to allow for the charge
pumps to power-up and device initialization can begin.
Table 1-3 illustrates the standby current of eX devices in
LP mode.
Table 1-3 • Standby Power of eX Devices in LP Mode
Typical Conditions, VCCA, VCCI = 2.5 V, TJ = 25° C
Product
Low Power Standby Current
Units
eX64
100
µA
eX128
111
µA
eX256
134
µA


Similar Part No. - EX256-FCSG100A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX256-FCSG100A ACTEL-EX256-FCSG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX256-FCSG100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com