Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFR91 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. BFR91
Description  Silicon NPN Planar RF Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR91 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFR91 Datasheet HTML 1Page - Vishay Siliconix BFR91 Datasheet HTML 2Page - Vishay Siliconix BFR91 Datasheet HTML 3Page - Vishay Siliconix BFR91 Datasheet HTML 4Page - Vishay Siliconix BFR91 Datasheet HTML 5Page - Vishay Siliconix BFR91 Datasheet HTML 6Page - Vishay Siliconix BFR91 Datasheet HTML 7Page - Vishay Siliconix BFR91 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BFR91
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (8)
Document Number 85030
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Collector cut-off current
VCE = 20 V, VBE = 0
ICES
100
mA
Collector-base cut-off current
VCB = 20 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 2 V, IC = 0
IEBO
10
mA
Collector-emitter breakdown voltage IC = 1 mA, IB = 0
V(BR)CEO
12
V
DC forward current transfer ratio
VCE = 5 V, IC = 30 mA
hFE
25
50
150
Electrical AC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Transition frequency
VCE = 5 V, IC = 30 mA, f = 500 MHz
fT
5
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.5
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.3
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
1.4
pF
Noise figure
VCE = 5 V, IC = 2 mA, f = 500 MHz,
ZS = 50 W
F
1.9
dB
Power gain
VCE = 5 V, IC = 30 mA, ZL = ZLopt,
f = 500 MHz
Gpe
18
dB
VCE = 5 V, IC = 30 mA, ZL = ZLopt,
f = 800 MHz
Gpe
13
dB
Linear output voltage – two
tone intermodulation test
VCE = 5 V, IC = 30 mA, dIM = 60 dB,
f1 = 806 MHz, f2 = 810 MHz,
ZS = ZL = 50 W
V1 = V2
240
mV
Third order intercept point
VCE = 5 V, IC = 30 mA, f = 800 MHz
IP3
30
dBm


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CSC1047 NPN SILICON PLANAR EPITAXIAL TRANSISTOR 1  2  3  Continental Device India Limited
PZT5551 NPN Silicon Planar Epitaxial Transistor 1  2  3  4  Weitron Technology
2N5770 NPN SILICON PLANAR EPITAXIAL TRANSISTOR 1  Micro Electronics
SUR501J NPN/PNP Epitaxial Planar type Silicon Transistor 1  2  3  AUK corp
SUT484J NPN/PNP Epitaxial Planar Silicon Transistor 1  2  3  4  5  AUK corp
BFP181T Silicon NPN Planar RF Transistor 1  2  3  4  5  Vishay Siliconix
FXT651 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR 1  Zetex Semiconductors
BFR92 Silicon NPN Planar RF Transistor 1  2  3  4  5  More Vishay Siliconix
MT3S06U TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE 1  2  Toshiba Semiconductor
BCU86 NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTOR 1  2  3  4  5  More Seme LAB

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn