Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BFR280T Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. BFR280T
Description  Silicon NPN Planar RF Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFR280T Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BFR280T/BFR280TW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 20-Jan-99
2 (4)
Document Number 85027
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Collector-emitter cut-off current
VCE = 15 V, VBE = 0
ICES
100
mA
Collector-base cut-off current
VCB = 10 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 1 V, IC = 0
IEBO
1
mA
Collector-emitter breakdown voltage IC = 1 mA, IB = 0
V(BR)CEO
8
V
Collector-emitter saturation voltage
IC = 5 mA, IB = 0.5 mA
VCEsat
0.1
0.4
V
DC forward current transfer ratio
VCE = 1 V, IC = 0.25 mA
hFE
30
90
150
VCE = 1 V, IC = 3 mA
hFE
30
100
Electrical AC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Transition frequency
VCE = 1 V, IC = 3 mA, f = 500 MHz
fT
5.5
GHz
qy
VCE = 5 V, IC = 6 mA, f = 500 MHz
fT
7
GHz
Collector-base capacitance
VCB = 1 V, f = 1 MHz
Ccb
0.3
pF
Collector-emitter capacitance
VCE = 1 V, f = 1 MHz
Cce
0.15
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.3
pF
Noise figure
VCE = 1 V, IC = 3 mA, ZS = ZSopt,
f = 900 MHz
F
1.6
dB
VCE = 5 V, IC = 3 mA, ZS = ZSopt,
f = 1.75 GHz
F
2.4
dB
Power gain
VCE = 1 V, IC = 3 mA, ZS = 50 W,
ZL = ZLopt, f = 900 MHz
Gpe
13.5
dB
VCE = 5 V, IC = 6 mA, ZS = 50 W,
ZL = ZLopt, f = 1.75 GHz
Gpe
12
dB
Transducer gain
VCE = 5 V, IC = 6 mA, f = 900 MHz,
Z0 = 50 W
S21e2
13
dB


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn