Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1425A-1CQ256C Datasheet(PDF) 36 Page - Actel Corporation

Part # A1425A-1CQ256C
Description  HiRel FPGAs
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1425A-1CQ256C Datasheet(HTML) 36 Page - Actel Corporation

Back Button A1425A-1CQ256C Datasheet HTML 32Page - Actel Corporation A1425A-1CQ256C Datasheet HTML 33Page - Actel Corporation A1425A-1CQ256C Datasheet HTML 34Page - Actel Corporation A1425A-1CQ256C Datasheet HTML 35Page - Actel Corporation A1425A-1CQ256C Datasheet HTML 36Page - Actel Corporation A1425A-1CQ256C Datasheet HTML 37Page - Actel Corporation A1425A-1CQ256C Datasheet HTML 38Page - Actel Corporation A1425A-1CQ256C Datasheet HTML 39Page - Actel Corporation A1425A-1CQ256C Datasheet HTML 40Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
36
A1 42 5A T i m i n g C har a c t e r i st i c s
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
Logic Module Propagation Delays1
tPD
Internal Array Module
3.0
3.5
ns
tCO
Sequential Clock to Q
3.0
3.5
ns
tCLR
Asynchronous Clear to Q
3.0
3.5
ns
Logic Module Predicted Routing Delays2
tRD1
FO=1 Routing Delay
1.3
1.5
ns
tRD2
FO=2 Routing Delay
1.9
2.1
ns
tRD3
FO=3 Routing Delay
2.1
2.5
ns
tRD4
FO=4 Routing Delay
2.6
2.9
ns
tRD8
FO=8 Routing Delay
4.2
4.9
ns
Logic Module Sequential Timing
tSUD
Flip-Flop (Latch) Data Input Setup
0.9
1.0
ns
tHD
Flip-Flop (Latch) Data Input Hold
0.0
0.0
ns
tSUENA
Flip-Flop (Latch) Enable Setup
0.9
1.0
ns
tHENA
Flip-Flop (Latch) Enable Hold
0.0
0.0
ns
tWASYN
Asynchronous Pulse Width
3.8
4.4
ns
tWCLKA
Flip-Flop Clock Pulse Width
3.8
4.4
ns
tA
Flip-Flop Clock Input Period
7.9
9.3
ns
fMAX
Flip-Flop Clock Frequency
125
100
MHz
Input Module Propagation Delays
tINY
Input Data Pad to Y
4.2
4.9
ns
tICKY
Input Reg IOCLK Pad to Y
7.0
8.2
ns
tOCKY
Output Reg IOCLK Pad to Y
7.0
8.2
ns
tICLRY
Input Asynchronous Clear to Y
7.0
8.2
ns
tOCLRY
Output Asynchronous Clear to Y
7.0
8.2
ns
Input Module Predicted Routing Delays1, 3
tIRD1
FO=1 Routing Delay
1.3
1.5
ns
tIRD2
FO=2 Routing Delay
1.9
2.1
ns
tIRD3
FO=3 Routing Delay
2.1
2.5
ns
tIRD4
FO=4 Routing Delay
2.6
2.9
ns
tIRD8
FO=8 Routing Delay
4.2
4.9
ns
Notes:
1.
For dual-module macros, use tPD + tRD1 + tPDn , tCO + tRD1 + tPDn , or tPD1 + tRD1 + tSUD , whichever is appropriate.
2.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is
based on actual routing delay measurements performed on the device prior to shipment.
3.
Optimization techniques may further reduce delays by 0 to 4 ns.


Similar Part No. - A1425A-1CQ256C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1425A-1CQ132B ACTEL-A1425A-1CQ132B Datasheet
1Mb / 98P
   HiRel FPGAs
A1425A-1CQ132B ACTEL-A1425A-1CQ132B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A1425A-1CQ256C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com