Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGLE600V2-FG896PP Datasheet(PDF) 10 Page - Actel Corporation

Part # AGLE600V2-FG896PP
Description  IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLE600V2-FG896PP Datasheet(HTML) 10 Page - Actel Corporation

Back Button AGLE600V2-FG896PP Datasheet HTML 6Page - Actel Corporation AGLE600V2-FG896PP Datasheet HTML 7Page - Actel Corporation AGLE600V2-FG896PP Datasheet HTML 8Page - Actel Corporation AGLE600V2-FG896PP Datasheet HTML 9Page - Actel Corporation AGLE600V2-FG896PP Datasheet HTML 10Page - Actel Corporation AGLE600V2-FG896PP Datasheet HTML 11Page - Actel Corporation AGLE600V2-FG896PP Datasheet HTML 12Page - Actel Corporation AGLE600V2-FG896PP Datasheet HTML 13Page - Actel Corporation AGLE600V2-FG896PP Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
IGLOOe Device Family Overview
1- 6
v1.2
The FlashROM can be programmed via the JTAG programming interface, and its contents can be
read back either through the JTAG programming interface or via direct FPGA core addressing. Note
that the FlashROM can only be programmed from the JTAG interface and cannot be programmed
from the internal logic array.
The FlashROM is programmed as 8 banks of 128 bits; however, reading is performed on a byte-by-
byte basis using a synchronous interface. A 7-bit address from the FPGA core defines which of the 8
banks and which of the 16 bytes within that bank are being read. The three most significant bits
(MSBs) of the FlashROM address determine the bank, and the four least significant bits (LSBs) of
the FlashROM address define the byte.
The Actel IGLOOe development software solutions, Libero® Integrated Design Environment (IDE)
and Designer, have extensive support for the FlashROM. One such feature is auto-generation of
sequential programming files for applications requiring a unique serial number in each part.
Another feature allows the inclusion of static data for system version control. Data for the
FlashROM can be generated quickly and easily using Actel Libero IDE and Designer software tools.
Comprehensive programming file support is also included to allow for easy programming of large
numbers of parts with differing FlashROM contents.
SRAM and FIFO
IGLOOe devices have embedded SRAM blocks along their north and south sides. Each variable-
aspect-ratio SRAM block is 4,608 bits in size. Available memory configurations are 256×18, 512×9,
1k×4, 2k×2, and 4k×1 bits. The individual blocks have independent read and write ports that can be
configured with different bit widths on each port. For example, data can be sent through a 4-bit
port and read as a single bitstream. The embedded SRAM blocks can be initialized via the device
JTAG port (ROM emulation mode) using the UJTAG macro.
In addition, every SRAM block has an embedded FIFO control unit. The control unit allows the
SRAM block to be configured as a synchronous FIFO without using additional core VersaTiles. The
FIFO width and depth are programmable. The FIFO also features programmable Almost Empty
(AEMPTY) and Almost Full (AFULL) flags in addition to the normal Empty and Full flags. The
embedded FIFO control unit contains the counters necessary for generation of the read and write
address pointers. The embedded SRAM/FIFO blocks can be cascaded to create larger configurations.
PLL and CCC
IGLOOe devices provide designers with very flexible clock conditioning capabilities. Each member
of the IGLOOe family contains six CCCs, each with an integrated PLL.
The six CCC blocks are located at the four corners and the centers of the east and west sides. One
CCC (center west side) has a PLL.
The inputs of the six CCC blocks are accessible from the FPGA core or from one of several inputs
located near the CCC that have dedicated connections to the CCC block.
The CCC block has these key features:
Wide input frequency range (fIN_CCC) = 1.5 MHz up to 250 MHz
Output frequency range (fOUT_CCC) = 0.75 MHz up to 250 MHz
2 programmable delay types for clock skew minimization
Clock frequency synthesis
Additional CCC specifications:
Internal phase shift = 0°, 90°, 180°, and 270°. Output phase shift depends on the output
divider configuration.
Output duty cycle = 50% ± 1.5% or better
Low output jitter: worst case < 2.5% × clock period peak-to-peak period jitter when single
global network used
Maximum acquisition time is 300 µs
Exceptional tolerance to input period jitter—allowable input jitter is up to 1.5 ns
Four precise phases; maximum misalignment between adjacent phases of 40 ps × 250 MHz /
fOUT_CCC


Similar Part No. - AGLE600V2-FG896PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL015V2-CS144 ACTEL-AGL015V2-CS144 Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015V2-CS144 MICROSEMI-AGL015V2-CS144 Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL015V2-CS144ES ACTEL-AGL015V2-CS144ES Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015V2-CS144ES MICROSEMI-AGL015V2-CS144ES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGLE600V2-FG896PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com