Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4235F1-A-15B81 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PSD4235F1-A-15B81
Description  Flash In-System-Programmable Peripherals for 16-Bit MCUs
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-A-15B81 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PSD4235F1-A-15B81 Datasheet HTML 2Page - STMicroelectronics PSD4235F1-A-15B81 Datasheet HTML 3Page - STMicroelectronics PSD4235F1-A-15B81 Datasheet HTML 4Page - STMicroelectronics PSD4235F1-A-15B81 Datasheet HTML 5Page - STMicroelectronics PSD4235F1-A-15B81 Datasheet HTML 6Page - STMicroelectronics PSD4235F1-A-15B81 Datasheet HTML 7Page - STMicroelectronics PSD4235F1-A-15B81 Datasheet HTML 8Page - STMicroelectronics PSD4235F1-A-15B81 Datasheet HTML 9Page - STMicroelectronics PSD4235F1-A-15B81 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
Preliminary Information
PSD4000 Series
t A simple interface to 16-bit microcontrollers that use either multiplexed or
non-multiplexed busses. The bus interface logic uses the control signals generated by
the microcontroller automatically when the address is decoded and a read or write is
performed. A partial list of the MCU families supported include:
Intel 80196, 80296, 80186, and 80386EX
Motorola 68HC16, 68HC12, 683XX, and MC2001
Philips 80C51XA
Infineon C16X devices
Hitachi H8
t 4 Mbit Flash memory. This is the main Flash memory. It is divided into eight
equal-sized blocks that can be accessed with user-specified addresses.
t Internal secondary 256 Kbit Flash boot memory. It is divided into four equal-sized
blocks that can be accessed with user-specified addresses. This secondary memory
brings the ability to execute code and update the main Flash concurrently.
t 64 Kbit SRAM. The SRAM’s contents can be protected from a power failure by
connecting an external battery.
t General Purpose PLD (GPLD) with 24 outputs. The GPLD may be used to implement
external chip selects or combinatorial logic function.
t Decode PLD (DPLD) that decodes address for selection of internal memory blocks.
t 52 individually configurable I/O port pins that can be used for the following functions:
MCU I/Os
PLD I/Os
Latched MCU address output
Special function I/Os.
I/O ports may be configured as open-drain outputs.
t Standby current as low as 50 µA for 5 V devices.
t Built-in JTAG compliant serial port allows full-chip In-System Programmability (ISP).
With it, you can program a blank device or reprogram a device in the factory or the field.
t Internal page register that can be used to expand the microcontroller address space
by a factor of 256.
t Internal programmable Power Management Unit (PMU) that supports a low power
mode called Power Down Mode. The PMU can automatically detect a lack of
microcontroller activity and put the PSD4000 into Power Down Mode.
t Erase/Write cycles:
Flash memory – 100,000 minimum
PLD – 1,000 minimum
15 year data retention
2.0
Key Features
3
3.0 PSD4000
Series
Part #
Flash
Flash
Main
Boot
Serial ISP
Memory
Memory
PSD4000
I/O
PLD
Input
Output
PLD
JTAG/ISP
Kbit
Kbit
SRAM
Supply
Series
Device
Pins
Inputs Macrocells Macrocells Outputs
Port
8 Sectors
(4 Sectors)
Kbit
Voltage
PSD4000
PSD4135G2
52
66
24
Yes
4096
256
64
5V
PSD4235G2*
52
82
24
16
24
Yes
4096
256
64
5V
Table 1. PSD4000 Product Matrix
*See PSD4235G2 Data Sheet.


Similar Part No. - PSD4235F1-A-15B81

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235F1-A-15B81 STMICROELECTRONICS-PSD4235F1-A-15B81 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PSD4235F1-A-15B81I STMICROELECTRONICS-PSD4235F1-A-15B81I Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results

Similar Description - PSD4235F1-A-15B81

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com