Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 60 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 60 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 56Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 57Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 58Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 59Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 60Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 61Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 62Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 63Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 64Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 46
Advance v0.5
Applies to 1.2 V Core Voltage
Table 2-73 • 2.5 V LCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
5.58 0.26 1.20
1.10
5.68 5.14 2.80 2.78 11.49 10.95
ns
6 mA
Std.
1.55
4.75 0.26 1.20
1.10
4.84 4.47 3.09 3.31 10.65 10.28
ns
8 mA
Std.
1.55
4.75 0.26 1.20
1.10
4.84 4.47 3.09 3.31 10.65 10.28
ns
12 mA
Std.
1.55
4.15 0.26 1.20
1.10
4.23 3.99 3.28 3.65 10.04
9.80
ns
16 mA
Std.
1.55
3.97 0.26 1.20
1.10
4.04 3.88 3.33 3.74
9.85
9.69
ns
24 mA
Std.
1.55
3.90 0.26 1.20
1.10
3.96 3.90 3.38 4.07
9.77
9.71
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-74 • 2.5 V LCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
3.32 0.26 1.20
1.10
3.38 3.09 2.80 2.89
9.19
8.90
ns
6 mA
Std.
1.55
2.88 0.26 1.20
1.10
2.93 2.56 3.09 3.43
8.74
8.37
ns
8 mA
Std.
1.55
2.88 0.26 1.20
1.10
2.93 2.56 3.09 3.43
8.74
8.37
ns
12 mA
Std.
1.55
2.63 0.26 1.20
1.10
2.68 2.30 3.28 3.77
8.48
8.10
ns
16 mA
Std.
1.55
2.58 0.26 1.20
1.10
2.63 2.25 3.33 3.86
8.44
8.06
ns
24 mA
Std.
1.55
2.59 0.26 1.20
1.10
2.64 2.19 3.39 4.21
8.45
8.00
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-75 • 2.5 V LCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
5.01 0.26 1.20
1.10
5.11 4.60 2.49 2.60 10.92 10.41
ns
6 mA
Std.
1.55
4.20 0.26 1.20
1.10
4.28 4.00 2.74 3.08 10.08
9.81
ns
8 mA
Std.
1.55
4.20 0.26 1.20
1.10
4.28 4.00 2.74 3.08 10.08
9.81
ns
12 mA
Std.
1.55
3.64 0.26 1.20
1.10
3.71 3.56 2.92 3.39
9.52
9.36
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn