Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AGL1000V2-FGG144I Datasheet(PDF) 54 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo 

AGL1000V2-FGG144I Datasheet(HTML) 54 Page - Actel Corporation

Zoom Inzoom in Zoom Outzoom out
 54 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 40
Advance v0.5
Applies to 1.2 V DC Core Voltage
Table 2-57 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
5.11 0.26 0.98
1.10
5.21 4.47 2.80 3.01 11.01 10.28
ns
6 mA
Std.
1.55
4.37 0.26 0.98
1.10
4.45 3.93 3.05 3.46 10.26
9.74
ns
8 mA
Std.
1.55
4.37 0.26 0.98
1.10
4.45 3.93 3.05 3.46 10.26
9.74
ns
12 mA
Std.
1.55
3.84 0.26 0.98
1.10
3.91 3.53 3.23 3.75
9.72
9.34
ns
16 mA
Std.
1.55
3.68 0.26 0.98
1.10
3.75 3.44 3.27 3.83
9.56
9.25
ns
24 mA
Std.
1.55
3.60 0.26 0.98
1.10
3.67 3.46 3.31 4.12
9.48
9.27
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-58 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
3.32 0.26 0.98
1.10
3.38 2.75 2.80 3.16
9.19
8.56
ns
6 mA
Std.
1.55
2.90 0.26 0.98
1.10
2.95 2.37 3.06 3.62
8.76
8.18
ns
8 mA
Std.
1.55
2.90 0.26 0.98
1.10
2.95 2.37 3.06 3.62
8.76
8.18
ns
12 mA
Std.
1.55
2.66 0.26 0.98
1.10
2.71 2.18 3.23 3.92
8.52
7.99
ns
16 mA
Std.
1.55
2.62 0.26 0.98
1.10
2.67 2.15 3.27 3.99
8.48
7.95
ns
24 mA
Std.
1.55
2.64 0.26 0.98
1.10
2.69 2.10 3.32 4.29
8.50
7.91
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-59 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
4.55 0.26 0.97
1.10
4.64 3.98 2.52 2.81 10.44
9.79
ns
6 mA
Std.
1.55
3.83 0.26 0.97
1.10
3.90 3.50 2.75 3.22
9.71
9.31
ns
8 mA
Std.
1.55
3.83 0.26 0.97
1.10
3.90 3.50 2.75 3.22
9.71
9.31
ns
12 mA
Std.
1.55
3.34 0.26 0.97
1.10
3.40 3.13 2.92 3.49
9.21
8.94
ns
16 mA
Std.
1.55
3.34 0.26 0.97
1.10
3.40 3.13 2.92 3.49
9.21
8.94
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn