Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 52 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 52 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 48Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 49Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 50Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 51Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 52Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 53Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 54Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 55Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 56Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 38
Advance v0.5
Timing Characteristics
Applies to 1.5 V DC Core Voltage
Table 2-51 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.97
4.46 0.19 0.85
0.66
4.55 3.88 2.24 2.19
8.08
7.41
ns
6 mA
Std.
0.97
3.74 0.19 0.85
0.66
3.81 3.36 2.49 2.63
7.34
6.89
ns
8 mA
Std.
0.97
3.74 0.19 0.85
0.66
3.81 3.36 2.49 2.63
7.34
6.89
ns
12 mA
Std.
0.97
3.23 0.19 0.85
0.66
3.29 2.97 2.66 2.91
6.82
6.50
ns
16 mA
Std.
0.97
3.08 0.19 0.85
0.66
3.13 2.88 2.70 2.99
6.66
6.41
ns
24 mA
Std.
0.97
3.00 0.19 0.85
0.66
3.05 2.90 2.74 3.27
6.58
6.43
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.
Table 2-52 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS tZHS Units
4 mA
Std.
0.97
2.73 0.19 0.85
0.66
2.78 2.21 2.25 2.31 6.31 5.74
ns
6 mA
Std.
0.97
2.31 0.19 0.85
0.66
2.36 1.84 2.50 2.76 5.89 5.37
ns
8 mA
Std.
0.97
2.31 0.19 0.85
0.66
2.36 1.84 2.50 2.76 5.89 5.37
ns
12 mA
Std.
0.97
2.09 0.19 0.85
0.66
2.13 1.67 2.67 3.04 5.66 5.20
ns
16 mA
Std.
0.97
2.05 0.19 0.85
0.66
2.09 1.63 2.70 3.12 5.62 5.16
ns
24 mA
Std.
0.97
2.07 0.19 0.85
0.66
2.11 1.59 2.75 3.41 5.64 5.12
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.
Table 2-53 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.97
3.94 0.19 0.85
0.66
4.01 3.45 1.98 2.02
7.54
6.98
ns
6 mA
Std.
0.97
3.24 0.19 0.85
0.66
3.30 2.98 2.20 2.42
6.83
6.51
ns
8 mA
Std.
0.97
3.24 0.19 0.85
0.66
3.30 2.98 2.20 2.42
6.83
6.51
ns
12 mA
Std.
0.97
2.76 0.19 0.85
0.66
2.81 2.62 2.36 2.68
6.35
6.15
ns
16 mA
Std.
0.97
2.76 0.19 0.85
0.66
2.81 2.62 2.36 2.68
6.35
6.15
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn