Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 43 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 43 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 39Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 40Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 41Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 42Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 43Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 44Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 45Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 46Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 47Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-29
Table 2-34 • Summary of I/O Timing Characteristics—Software Default Settings, Std. Speed Grade,
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
3.3 V LVTTL /
3.3 V LVCMOS
12 mA
High 5 pF
1.55 2.30 0.26 0.97 1.10 2.34 1.87 2.91 3.62 8.15 7.67
ns
2.5 V LVCMOS
12 mA
High
5 pF
1.55 2.28 0.26 1.20 1.10 2.32 1.95 2.92 3.50 8.13 7.75
ns
1.8 V LVCMOS
8 mA
High
5 pF
1.55 2.42 0.26 1.11 1.10 2.47 2.16 2.98 3.38 8.28 7.97
ns
1.5 V LVCMOS
4 mA
High
5 pF
1.55 2.67 0.26 1.27 1.10 2.72 2.39 3.05 3.36 8.53 8.20
ns
1.2 V LVCMOS
2 mA
High
5 pF
1.55 3.23 0.26 1.58 1.10 3.09 2.76 3.30 3.49 8.69 8.36
ns
3.3 V PCI
Per PCI
spec
High 10pF 25 2 1.55 2.52 0.26 0.85 1.10 2.57 1.98 2.91 3.62 8.37 7.78
ns
3.3 V PCI-X
Per PCI-X
spec
High 10pF 25 2 1.55 2.52 0.25 0.85 1.10 2.57 1.98 2.91 3.62 8.37 7.78
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
2. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-12 on
page 2-62 for connectivity. This resistor is not required during normal operation.
Table 2-35 • Summary of I/O Timing Characteristics—Software Default Settings, Std. Speed Grade,
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Standard I/O Banks
3.3 V LVTTL /
3.3 V LVCMOS
8 mA
High
5 pF
1.55
2.37
0.26
0.94
1.10
2.42
1.92
2.39
2.94
ns
2.5 V LVCMOS
8 mA
High
5 pF
1.55
2.38
0.26
1.15
1.10
2.42
2.05
2.37
2.79
ns
1.8 V LVCMOS
4 mA
High
5 pF
1.55
2.60
0.26
1.08
1.10
2.64
2.33
2.37
2.61
ns
1.5 V LVCMOS
2 mA
High
5 pF
1.55
2.91
0.26
1.22
1.10
2.96
2.60
2.39
2.54
ns
1.2 V LVCMOS
1 mA
High
5 pF
1.55
3.60
0.26
1.52
1.10
3.45
3.04
2.52
2.50
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
2. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-12 on
page 2-62 for connectivity. This resistor is not required during normal operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn